Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV642D Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV642D
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV642D Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV642D Datasheet HTML 8Page - Advanced Micro Devices AM29LV642D Datasheet HTML 9Page - Advanced Micro Devices AM29LV642D Datasheet HTML 10Page - Advanced Micro Devices AM29LV642D Datasheet HTML 11Page - Advanced Micro Devices AM29LV642D Datasheet HTML 12Page - Advanced Micro Devices AM29LV642D Datasheet HTML 13Page - Advanced Micro Devices AM29LV642D Datasheet HTML 14Page - Advanced Micro Devices AM29LV642D Datasheet HTML 15Page - Advanced Micro Devices AM29LV642D Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Am29LV642D
11
P R E L I M I NARY
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The
system can th us mo nito r RY /BY# to de termin e
whether the reset operation is complete. If RESET# is
asserted when a program or erase operation is not ex-
ecuting (RY/BY# pin is “1”), the reset operation is com-
pleted within a time of t
READY (not during Embedded
Algorithms). The system can read data t
RH after the
RESET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Sector Address Table for CE#
Sector
A21A20
A19A18
A17A16
A15
16-bit Address Range
(in hexadecimal)
SA0
0000
000
000000–007FFF
SA1
0000
001
008000–00FFFF
SA2
0000
010
010000–017FFF
SA3
0000
011
018000–01FFFF
SA4
0000
100
020000–027FFF
SA5
0000
101
028000–02FFFF
SA6
0000
110
030000–037FFF
SA7
0000
111
038000–03FFFF
SA8
0001
000
040000–047FFF
SA9
0001
001
048000–04FFFF
SA10
0001
010
050000–057FFF
SA11
0001
011
058000–05FFFF
SA12
0001
100
060000–067FFF
SA13
0001
101
068000–06FFFF
SA14
0001
110
070000–077FFF
SA15
0001
111
078000–07FFFF
SA16
0010
000
080000–087FFF
SA17
0010
001
088000–08FFFF
SA18
0010
010
090000–097FFF
SA19
0010
011
098000–09FFFF
SA20
0010
100
0A0000–0A7FFF
SA21
0010
101
0A8000–0AFFFF
SA22
0010
110
0B0000–0B7FFF
SA23
0010
111
0B8000–0BFFFF
SA24
0011
000
0C0000–0C7FFF
SA25
0011
001
0C8000–0CFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com