Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PL160CB-70R Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29PL160CB-70R
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160CB-70R Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29PL160CB-70R Datasheet HTML 9Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 10Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 11Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 12Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 13Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 14Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 15Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 16Page - Advanced Micro Devices AM29PL160CB-70R Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
12
Am29PL160C
June 12, 2002
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed
with its corresponding programming algorithm. How-
ever, the autoselect codes can also be accessed in-
system through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 5. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (Table 4). Table 5 shows the
remaining address bits that are don’t care. When all
necessary bits have been set as required, the pro-
gr amm i n g eq ui pme n t m a y
then
r ead
the
corresponding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Table 5.
Am29PL160C Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences. See Table 10.
Sector Protection/Unprotection
The hardware sector protection feature disables both
pr ogr am and er as e o per ati ons i n a n y s e c t or.
The hardware sector unprotection feature re-enables
both program and erase operations in previously
protected sectors.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is protected
or unprotected. See “Autoselect Mode” for details.
Sector protection and unprotection must be imple-
mented using programming equipment. The procedure
requires VID on address pin A9 and OE#. Details on
this method are provided in a supplement, publication
number 22239. Contact an AMD representative to re-
quest a copy.
The device features a temporary unprotect command
sequence to allow changing array data in-system. See
“Temporary Unprotect Enable/Disable Command Se-
quence” for more information.
Description
Mode
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XL
XL
L
X
01h
Device ID:
Am29PL160C
(Bottom Boot Block)
Word
L
L
H
XX
VID
XL
XL
H
22h
45h
Byte
L
L
H
X
45h
Sector Protection Verification
L
L
H
SA
X
VID
XL
X
H
L
X
01h
(protected)
X
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com