Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC153 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88SC153
Description  3 x 64 x 8 Secure Memory with Authentication
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC153 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88SC153 Datasheet HTML 9Page - ATMEL Corporation AT88SC153 Datasheet HTML 10Page - ATMEL Corporation AT88SC153 Datasheet HTML 11Page - ATMEL Corporation AT88SC153 Datasheet HTML 12Page - ATMEL Corporation AT88SC153 Datasheet HTML 13Page - ATMEL Corporation AT88SC153 Datasheet HTML 14Page - ATMEL Corporation AT88SC153 Datasheet HTML 15Page - ATMEL Corporation AT88SC153 Datasheet HTML 16Page - ATMEL Corporation AT88SC153 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
AT88SC153
1016D–SMEM–04/04
Initialize Authentication
Figure 10. Initiatize Authentication
Note:
Q: Host random number, 8 bytes
The Initialize Authentication command sets up the random generator with the crypto-
gram (Ci), the secret seed (Gc), and the host random number (Q). Once the sequence is
completed and a stop condition is issued, there is a nonvolatile write cycle to clear a
new bit of the AAC. In order to complete the authentication protocol, the device requires
the host to perform an ACK polling sequence with the specific command byte of $B6,
corresponding to the Verify Authentication command.
Verify Authentication
Figure 11. Verify Authentication
Note:
Q1: Host challenge, 8 bytes
If Q1 is equal to Ci + 1, then the device writes Ci + 2 in memory in place of Ci; this must
be preceded by the Initialize Authentication command. Once the sequence is completed
and a stop condition is issued, there is a nonvolatile write cycle to update the associated
attempts counter. In order to know whether or not the authentication was correct, the
device requires the host to perform an ACK polling sequence with the specific command
byte of $BD, to read the corresponding attempts counter in the configuration zone. A
valid authentication will result in the AAC cleared to $FF. An invalid authentication
attempt will initiate a nonvolatile write cycle, but no clear operation will be performed on
the AAC.
Device Operation
Clock and Data
Transitions
The SDA pin is normally pulled high with an external device. Data on the SDA pin may
change only during SCL-low time periods (Figure 13 on page 14). Data changes during
SCL-high time periods will indicate a start or stop condition as defined below.
Start Condition
A high-to-low transition of SDA with SCL high is a start condition that must precede any
other command (Figure 12 on page 14).
Q1(7)
Q1(1)
Q1(0)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com