Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0610 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR0610
Description  2.7 V GPS LOW NOISE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0610 Datasheet HTML 1Page - ATMEL Corporation ATR0610 Datasheet HTML 2Page - ATMEL Corporation ATR0610 Datasheet HTML 3Page - ATMEL Corporation ATR0610 Datasheet HTML 4Page - ATMEL Corporation ATR0610 Datasheet HTML 5Page - ATMEL Corporation ATR0610 Datasheet HTML 6Page - ATMEL Corporation ATR0610 Datasheet HTML 7Page - ATMEL Corporation ATR0610 Datasheet HTML 8Page - ATMEL Corporation ATR0610 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ATR0610
4573C–GPS–02/03
13
Reverse isolation
1/|S
12|
2
30
dB
C
14
Control voltage
Power-up mode
PU
V
PU,high
1.2
1.8
3.3
V
C
15
Control current
Power-up mode
PU
I
PU,high
010
50
µA
C
16
Control voltage
Power-down mode
PU
V
PU,low
00.2
0.4
V
C
17
Control current
Power-down mode
PU
I
PU,low
0.7
µA
C
Electrical Characteristics (Continued)
V
CC = 2.7 V, V
PU = 1.8 V, f = 1575 MHz, Tamb = 25°C, Zload = 50 W (see Figure 1)
Minimum/maximum limits are at +25°C ambient temperature, unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com