Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52347 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52347
Description  SYNC SIGNAL PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52347 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52347 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MITSUBISHI ICs (Monitor)
M52347SP/FP
SYNC SIGNAL PROCESSOR
2
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25˚C, Vcc=12V, unless otherwise noted)
Symbol
Parameter
Ratings
Unit
VCC
Supply voltage
6.0
V
Pd
Power dissipation
1237.6(SP),827.8(FP)
mW
Surge
Electrostatic discharge
±200
V
Topr
Operating temperature
-20 to +85
˚C
Tstg
Storage temperature
-40 to +150
˚C
Symbol
Parameter
Relay condition
TP
condition
In
put
pin
Input condition
Out
put
pin
Output waveform
Note
Limits
Unit
4
6
8
16
3
10
Min. Typ. Max.
Circuit
current
ICC
2222 5V 5V
A
40
53
66
mA
1 OH
Pin
output
Hi level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
4.0
5.0
5.0
V
1 OL
Pin
output
Low level
2111
0V
2.5V
5V
5V
50kHz
0.2VP-P
50kHz
1.0VP-P
DC
0.2 VP-P of
input
signal is equiv-
alent to NON
SYNC.
0
0.04 0.5
V
2 OH
Pin
output
Hi level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
4.0
5.0
5.0
V
2 OL
Pin
output
Low level
2111
0V
2.5V
5V
5V
50kHz
1.0VP-P
50kHz
0.2VP-P
DC
0.2 VP-P of
input
signal is equiv-
alent to NON
SYNC.
0
0.04 0.5
V
18 OH
Pin
output
Hi level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
4.0
5.0
5.0
V
18 OL
Pin
output
Low level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
0
0.04 0.5
V
19 OH
Pin
output
Hi level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
4.0
5.0
5.0
V
19 OL
Pin
output
Low level
2111
0V
2.5V
5V
5V
50kHz
1VP-P
50kHz
1VP-P
DC
0
0.04 0.5
V
14 OH
Pin
output
Hi level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
4.0
5.0
5.0
V
14 OL
Pin
output
Low level
1121
0V
2.5V
5V
5V
50kHz
0.6VP-P
50kHz
2VP-P
0
0.25 0.5
V
16
1
6
8
1
1
6
8
1
2
6
8
2
2
6
8
2
18
6
8
18
18
6
8
18
19
6
8
19
19
6
8
19
14
4
6
14
V Meas
14
4
6
14
V Meas
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS
1
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com