Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3986TL-3333 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3986TL-3333
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3986TL-3333 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3986TL-3333 Datasheet HTML 3Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 4Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 5Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 6Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 7Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 8Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 9Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 10Page - National Semiconductor (TI) LP3986TL-3333 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics Unless otherwise specified, C
IN=COUT 1µF Ceramic, C BP=
0.01µ F, V
IN =VOUT + 0.5, TA= 25˚C, both enable pins are tied to VIN
Power Supply Rejection Ratio (C
BP = 0.001µF)
Power Supply Rejection Ratio (C
BP = 0.01µF)
20003410
20003447
Power Supply Rejection Ratio (C
BP = 0.1µF)
Output Noise Spectral Density
20003448
20003451
Line Transient Response (C
BP = 0.001µF)
Line Transient Response (C
BP = 0.01µF)
20003413
20003449
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com