Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6671 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BPC-6671
Description  17 INDUSTRIAL PANEL PC SUPPORTS PENTIUM 4 CPU OSD WIRELESS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BPC-6671 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BPC-6671 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BPC-6671
Panel PC
17" Industrial Panel PC supports Pentium 4 CPU, OSD, Wireless
LAN & ARM
Ordering Guide
● HS-6671
* Standard:
17" TFT Panel
Industrial ATX Motherboard
BS-669 VGA to Panel Transfer Card
2W Audio Amplifier
Wireless LAN Module
180W Power Supply
* Optional:
17" Touch Screen
Processor
System Memory Module
3.5" HDD
Slim CD-ROM
ARM
Panel Specifications
* Screen Size: 17 inches
* Display Format: 1280 x 1024
pixels
* Pixel Pitch: 0.264(H) x 0.264(V)
m/m
* Color: 262K
* Brightness: 260 cd/m
2
* Contrast Ratio: 450:1
* Response Timer: 16ms
Specifications
* System Board: Industrial ATX motherboard
* CPU: PGA 478 for Intel Pentium 4 up to 2.8GHz CPU with
Hyper-Threading Technology
* Memory: Two DDR sockets supporting up to 2GB (optional)
* OSD: BS-669 VGA to Panel transfer card, supporting OSD
function
* Touch Screen: 17" resistive touch screen (optional)
* VGA: VIA VT8751A display controller with 8MB/16MB/32MB
(default) memory
* LAN: VIA VT6103 10/100 Based LAN
* Wireless LAN: Provides one wireless LAN module
* Audio: AC97 3D audio controller with 2W power amplifier
* HDD/FDD/CD-ROM: One 3.5" HDD and one slim CD-ROM
spaces
* Serial Port: One serial port
* Parallel: One enhanced bi-directional parallel port supporting
SPP/ECP/EPP
* USB: Two USB connectors
* Keyboard/Mouse: PS/2 6-pin Mini DIN
* BIOS: Award PnP Flash BIOS
* Watchdog Timer: Once a problem is detected the system will
reset the configurations and reboot the system after five sec.
* Thermal System: Two 4cm ball bearing cooling fans
* Power Supply: 180W power supply
* Temperature: 0~50
oC (operating); -20~+60oC (storage)
* Dimensions: 47.0 x 37.1 x 9.68 cm
● Aluminum chassis
● 17" high brightness TFT color panel display
● Provides Pentium 4 CPU, OSD function
● Built-in industrial ATX motherboard, BS-669, 180W power supply
● VIA VT8751A display controller
● VIA VT6103 10/100 Based LAN
● Provides one wireless LAN module
● AC97 3D audio controller with 2W power amplifier
● One COM, one parallel, two USB connectors
● One 3.5" HDD and one slim CD-ROM spaces
● Two 4cm ball bearing cooling fans
● Supports 17" touch screen (optional)
Features
4.11
38.7
4.11
47.0
47.0
0.5
9.6
47.0
4.1
4.1
2.7
38.7
R


Similar Part No. - BPC-6671

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
644Kb / 1P
17" Panel PC with Touch Screen, Core 2 Duo
BPC-6671 BOSER-BPC-6671_11 Datasheet
644Kb / 1P
17" Panel PC with Touch Screen, Core 2 Duo
More results

Similar Description - BPC-6671

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPC-6170 ETC-BPC-6170 Datasheet
317Kb / 1P
INDUSTRIAL PANEL PC SUPPORTS PENTIUM 4 CPU OSD FUNCTION KEYS FOUR PCI SLOTS
logo
Protech Systems Co., Lt...
PPC-7500 PROTECHSYSTEMS-PPC-7500 Datasheet
299Kb / 2P
Panel PC with Pentium M Solution
PPC-7505 PROTECHSYSTEMS-PPC-7505 Datasheet
733Kb / 2P
With Pentium M Solution Panel PC
PPC-7507 PROTECHSYSTEMS-PPC-7507 Datasheet
742Kb / 2P
With Pentium M Panel PC
logo
BOSER Technology Co., L...
BPC-6171 BOSER-BPC-6171 Datasheet
809Kb / 26P
15??TFT Industrial Panel PC Supports Pentium 4, OSD, Function Keys & One Expansions Slots
BPC-6670 BOSER-BPC-6670_1 Datasheet
1Mb / 26P
BPC-6670 supports Pentium 4 CPU, OSD, Function Keys & one PCI Slot
logo
AAEON Technology
APC-7100 AAEON-APC-7100 Datasheet
799Kb / 2P
CPU based Fanless Industrial Robust Panel PC with 10.4 TFT LCD
logo
Advantech Co., Ltd.
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
logo
DFI Inc
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com