Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVTL08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FVTL08
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVTL08 Datasheet(HTML) 2 Page - Vishay Siliconix

  FVTL08 Datasheet HTML 1Page - Vishay Siliconix FVTL08 Datasheet HTML 2Page - Vishay Siliconix FVTL08 Datasheet HTML 3Page - Vishay Siliconix FVTL08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FVTL, FVTS, FVWL
www.vishay.com
Vishay Huntington
Revision: 18-Aug-16
2
Document Number: 31837
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: ceramic, steatite
Coating: special high temperature vitreous
Standard Terminals: tinned alloy 42
Terminal Bands: alloy 42
Part Marking: HEI, model, wattage, value, tolerance, date
code
NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Ayrton-Perry) winding.
They are identified by adding the letters “NI” to the end of
the part number in the special section. For non-inductive
models the maximum resistance values are lower.
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: FVTL05R2E25R00JE (visit www.vishay.net SAP parts manual for all options)
GLOBAL MODEL
(6 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
(see Standard
Electrical
Specifications
Global Model
column for
options)
A1
A2
R1
R2
E = lead
(Pb)-free
R = decimal
K = thousand
1R500 = 1.5
1K500 = 1.5 k
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free cell
and bulk pack
(dash number)
from 1 to 99 as
applicable
NI = non-inductive
92 = 203 or 209 style
push-in bracket
as applicable
Historical Part Number example: FVTL-5-25-5 %
FVTL-5
25
5 %
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
DERATING
- 55 - 50
0
50
150
250
350
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25
VT
L
0
5R2
E2
5
R
0
0
F
J
E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com