Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C10 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C10
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C10 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C10 Datasheet HTML 1Page - National Semiconductor (TI) MM54C10 Datasheet HTML 2Page - National Semiconductor (TI) MM54C10 Datasheet HTML 3Page - National Semiconductor (TI) MM54C10 Datasheet HTML 4Page - National Semiconductor (TI) MM54C10 Datasheet HTML 5Page - National Semiconductor (TI) MM54C10 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5877
February 1988
MM54C00MM74C00 Quad 2-Input NAND Gate
MM54C02MM74C02 Quad 2-Input NOR Gate
MM54C04MM74C04 Hex Inverter
MM54C10MM74C10 Triple 3-Input NAND Gate
MM54C20MM74C20 Dual 4-Input NAND Gate
General Description
These logic gates employ complementary MOS (CMOS) to
achieve wide power supply operating range low power con-
sumption high noise immunity and symmetric controlled
rise and fall times With features such as this the 54C74C
logic family is close to ideal for use in digital systems Func-
tion and pin out compatibility with series 5474 devices mini-
mizes design time for those designers already familiar with
the standard 5474 logic family
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
3V to 15V
Y
Guaranteed noise margin
1V
Y
High noise immunity
045 VCC (typ)
Y
Low power consumption
10 nWpackage (typ)
Y
Low power
Fan out of 2
TTL compatibility
driving 74L
Connection Diagrams
Dual-In-Line Packages
MM54C00MM74C00
TLF5877 – 1
Top View
Order Number MM54C00 or
MM74C00
MM54C02MM74C02
TLF5877 – 2
Top View
Order Number MM54C02 or
MM74C02
MM54C04MM74C04
TLF5877 – 3
Top View
Order Number MM54C04
or MM74C04
MM54C10MM74C10
TLF5877 – 4
Top View
Order Number MM54C10 or
MM74C10
MM54C20MM74C20
TLF5877 – 5
Top View
Order Number MM54C20 or
MM74C20
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54C10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
Hex Schmitt Trigger
logo
Silicon Supplies
MM54C14 SS-MM54C14 Datasheet
603Kb / 5P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM54C14 SS-MM54C14 Datasheet
518Kb / 5P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM54C14J SS-MM54C14J Datasheet
691Kb / 4P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM54C14J SS-MM54C14J Datasheet
512Kb / 4P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
More results

Similar Description - MM54C10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com