Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5066 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS5066
Description  SMTO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS5066 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS5066 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS5066 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800•Fax:650-962-6845•Updates:www.teledynemicrowave.com•microwave@teledyne.com
0.9
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.2
0.9
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.2
0.9
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.2
0.9
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.2
0.9
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.2
Gain vs Temperature Vcc = 15
21.0
20.0
19.0
18.0
17.0
Noise Figure Vcc = 15 & 12
K EY: + 25
°C
+85
°C
- 55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
5.0
4.0
3.0
2.0
F REQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 2
90
80
70
60
50
40
30
20
F REQUENCY - GHz
23.0
21.0
19.0
17.0
15.0
13.0
FREQUENCY - GHz
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 2
70
60
50
40
30
20
10
+15 V
+12 V
IP 3
IP 3
Model: AS5066
Vcc= +15V
Icc= 159.20
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
900
1.41
1.15
19.28
-57
0.46
-35.0
1000
1.34
1.17
19.43
-72
0.43
-36.3
1200
1.26
1.22
19.72
-102
0.41
-36.6
1400
1.20
1.26
19.91
-130
0.39
-35.4
1600
1.22
1.29
20.04
-157
0.38
-36.0
1800
1.27
1.29
20.14
177
0.37
-37.2
2000
1.33
1.28
20.20
151
0.35
-37.2
2200
1.40
1.25
20.20
125
0.35
-36.5
2400
1.50
1.23
20.27
100
0.37
-38.7
2600
1.61
1.17
20.23
75
0.35
-37.6
2800
1.68
1.10
20.19
50
0.35
-37.4
3000
1.73
1.02
20.25
25
0.35
-38.0
3200
1.76
1.05
20.29
-1
0.36
-37.5
3400
1.77
1.14
20.44
-27
0.37
-38.4
3600
1.76
1.23
20.55
-53
0.40
-37.9
3800
1.61
1.34
20.53
-81
0.38
-37.9
4000
1.54
1.45
20.23
-112
0.43
-36.0
4200
1.45
1.48
19.71
-139
0.40
-35.8
4400
1.30
1.47
19.10
-165
0.35
-35.6
4600
1.29
1.49
18.73
165
0.46
-37.7
4800
1.35
1.49
18.67
142
0.44
-32.0
5000
1.36
1.29
19.41
111
0.56
-32.6
5200
1.90
1.17
18.88
68
0.55
-29.8
LINEAR S-PARAMETERS
Model: AS5066
Vcc= +15V
Icc= 159.20
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
900
0.17
-162.9
9.20
-56.8
0.018
-29.0
0.07
-104.3
1000
0.15
-168.4
9.37
-72.5
0.015
-38.9
0.08
-125.1
1200
0.12
-173.5
9.68
-101.7
0.015
-54.1
0.10
-156.1
1400
0.09
-175.4
9.90
-129.8
0.017
-59.2
0.12
178.1
1600
0.10
-170.1
10.04
-156.8
0.016
-77.2
0.13
156.4
1800
0.12
-171.4
10.16
177.0
0.014
-87.0
0.13
135.5
2000
0.14
-171.4
10.23
151.3
0.014
-95.0
0.12
115.5
2200
0.17
175.8
10.23
125.4
0.015
-115.0
0.11
95.2
2400
0.20
160.0
10.31
99.7
0.012
-122.6
0.10
74.8
2600
0.23
148.4
10.26
74.6
0.013
-136.6
0.08
58.6
2800
0.25
134.6
10.22
49.7
0.014
-153.5
0.05
38.4
3000
0.27
120.5
10.29
24.5
0.013
-167.9
0.01
-15.1
3200
0.28
103.1
10.34
-0.9
0.013
-175.3
0.03
-151.3
3400
0.28
88.4
10.52
-26.8
0.012
164.2
0.07
-177.2
3600
0.27
72.6
10.65
-53.3
0.013
148.5
0.10
151.7
3800
0.23
49.8
10.63
-81.4
0.013
133.4
0.15
131.8
4000
0.21
29.7
10.27
-111.6
0.016
125.7
0.18
114.3
4200
0.18
8.0
9.67
-139.3
0.016
104.2
0.19
89.7
4400
0.13
-28.5
9.01
-164.8
0.017
92.3
0.19
67.7
4600
0.13
-83.2
8.64
165.1
0.013
89.2
0.20
62.3
4800
0.15
-75.7
8.58
141.8
0.025
58.9
0.20
13.9
5000
0.15
-93.3
9.34
110.8
0.024
41.4
0.13
-17.1
5200
0.31
-79.0
8.79
67.8
0.032
37.1
0.08
50.5
5400
0.43
-127.9
8.84
25.4
0.041
-2.8
0.11
-60.2
Model: AS5066
Vcc= +12V
Icc= 146.18
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
900
1.41
1.20
18.93
-58
0.46
-36.7
1000
1.35
1.24
19.09
-73
0.42
-37.5
1200
1.27
1.32
19.40
-102
0.41
-37.8
1400
1.21
1.38
19.60
-130
0.39
-35.5
1600
1.23
1.44
19.76
-157
0.38
-36.9
1800
1.29
1.47
19.90
177
0.38
-37.2
2000
1.36
1.48
20.01
151
0.35
-36.2
2200
1.43
1.49
20.04
125
0.34
-36.2
2400
1.53
1.48
20.16
98
0.37
-36.5
2600
1.67
1.44
20.08
73
0.37
-36.0
2800
1.75
1.37
19.97
48
0.34
-35.5
3000
1.81
1.30
20.10
22
0.36
-36.7
3200
1.85
1.23
20.15
-3
0.39
-35.9
3400
1.86
1.15
20.09
-29
0.34
-35.3
3600
1.83
1.07
20.05
-57
0.37
-35.2
3800
1.68
1.03
20.08
-84
0.38
-34.8
4000
1.60
1.09
19.85
-113
0.41
-33.3
4200
1.50
1.12
19.48
-141
0.42
-32.2
4400
1.36
1.13
19.01
-169
0.38
-32.5
4600
1.31
1.16
18.54
160
0.48
-34.4
4800
1.34
1.25
18.16
136
0.43
-29.4
5000
1.34
1.18
18.59
104
0.51
-29.8
5200
1.96
1.10
17.80
61
0.56
-27.6
AS5066



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com