Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8002 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS8002
Description  SMTO-8 CASCADABLE AS8002 AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS8002 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS8002 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS8002 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AS8002
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Gain vs Temperature Vcc = 15
21.0
20.0
19.0
18.0
17.0
16.0
Noise Figure Vcc = 15 & 12
K EY: + 25
°C
+85
°C
- 55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
4.0
3.0
2.0
1.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
FREQUENCY - GHz
19.0
17.0
15.0
13.0
11.0
9.0
FREQUENCY - GHz
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
60
50
40
30
20
10
+15 V
+12 V
Model: AS8002
Vcc=+15V
Icc=90.97
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
100
1.14
1.36
19.07
8
0.47
-35.7
500
1.12
1.48
19.73
-40
0.28
-38.9
1000
1.22
1.47
19.48
-85
0.24
-38.0
1200
1.27
1.46
19.36
-102
0.24
-38.1
1400
1.32
1.45
19.21
-119
0.23
-39.4
1600
1.37
1.43
19.07
-135
0.23
-40.0
1800
1.41
1.43
19.01
-151
0.22
-41.1
2000
1.46
1.44
19.00
-167
0.22
-38.2
2200
1.49
1.45
19.09
178
0.22
-38.7
2400
1.51
1.47
19.21
161
0.23
-37.9
2600
1.54
1.52
19.43
145
0.24
-38.3
2800
1.57
1.54
19.61
127
0.24
-39.3
3000
1.59
1.56
19.68
110
0.25
-40.9
3200
1.62
1.59
19.80
92
0.25
-38.7
3400
1.64
1.60
19.84
75
0.24
-40.0
3600
1.67
1.58
19.85
57
0.25
-41.9
3800
1.68
1.55
19.82
39
0.24
-41.8
4000
1.68
1.53
19.80
22
0.24
-41.3
4200
1.67
1.50
19.78
4
0.24
-40.7
4400
1.67
1.44
19.78
-13
0.24
-42.0
4600
1.65
1.38
19.76
-31
0.24
-43.0
4800
1.63
1.32
19.76
-49
0.25
-39.5
5000
1.59
1.28
19.78
-66
0.25
-39.3
5200
1.54
1.25
19.78
-84
0.25
-41.8
5400
1.48
1.22
19.79
-103
0.25
-42.5
5600
1.42
1.23
19.72
-121
0.25
-42.0
5800
1.36
1.24
19.67
-139
0.25
-43.0
6000
1.28
1.22
19.61
-158
0.25
-40.5
6200
1.23
1.21
19.56
-176
0.26
-42.0
6400
1.19
1.21
19.51
165
0.26
-43.4
6600
1.19
1.20
19.49
146
0.26
-42.0
6800
1.23
1.20
19.42
127
0.27
-41.5
7000
1.32
1.22
19.37
107
0.28
-41.6
7200
1.43
1.26
19.29
87
0.29
-40.6
7400
1.59
1.33
19.20
66
0.31
-40.6
7600
1.74
1.38
18.89
43
0.32
-40.3
7800
1.84
1.41
18.34
21
0.30
-39.0
8000
1.93
1.43
17.67
0
0.29
-37.1
LINEAR S-PARAMETERS
Model: AS8002
Vcc=+15V
Icc=90.97
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.09
-59.4
8.92
9.1
0.019
38.4
0.19
-159.2
500
0.06
-69.6
9.66
-39.1
0.009
-20.5
0.20
160.5
1000
0.10
-104.2
9.43
-83.5
0.011
-42.4
0.20
127.7
1200
0.11
-118.3
9.32
-100.6
0.011
-52.2
0.19
114.6
1400
0.13
-133.6
9.18
-117.2
0.012
-74.6
0.19
102.7
1600
0.14
-147.7
9.06
-133.4
0.008
-57.3
0.19
89.2
1800
0.16
-162.8
9.03
-149.0
0.010
-88.4
0.19
74.8
2000
0.17
-178.0
9.04
-164.8
0.012
-89.1
0.19
60.6
2200
0.18
166.7
9.16
179.6
0.011
-85.0
0.19
46.9
2400
0.18
151.3
9.29
163.4
0.013
-105.6
0.20
32.6
2600
0.19
136.4
9.54
146.8
0.012
-115.7
0.21
16.9
2800
0.20
121.3
9.77
129.6
0.011
-123.6
0.22
2.6
3000
0.21
104.6
9.89
111.8
0.011
-130.0
0.23
-11.8
3200
0.22
89.8
10.03
94.3
0.011
-144.6
0.24
-26.8
3400
0.22
73.8
10.08
76.7
0.010
-164.2
0.25
-39.1
3600
0.23
57.6
10.12
58.7
0.010
-171.2
0.25
-50.4
3800
0.24
43.2
10.11
41.2
0.009
177.9
0.25
-62.3
4000
0.25
28.6
10.10
23.5
0.011
159.5
0.24
-73.6
4200
0.25
14.7
10.07
6.2
0.011
152.5
0.25
-84.4
4400
0.26
1.9
10.09
-11.6
0.009
146.5
0.24
-92.7
4600
0.25
-10.6
10.05
-29.3
0.010
134.1
0.23
-100.8
4800
0.26
-23.3
10.01
-47.4
0.011
116.3
0.21
-107.4
5000
0.25
-35.9
9.98
-65.0
0.011
114.5
0.20
-113.4
5200
0.24
-48.0
9.98
-82.9
0.011
93.0
0.20
-116.7
5400
0.23
-61.6
9.98
-101.0
0.011
87.3
0.19
-122.5
5600
0.21
-75.3
9.89
-119.4
0.011
81.4
0.20
-129.7
5800
0.19
-90.3
9.81
-137.6
0.010
49.9
0.20
-138.5
6000
0.16
-110.4
9.73
-155.7
0.010
44.5
0.19
-150.6
6200
0.14
-135.4
9.70
-173.8
0.012
36.0
0.19
-166.6
6400
0.12
-165.6
9.71
167.8
0.009
15.8
0.18
176.6
6600
0.12
158.6
9.72
148.5
0.010
8.5
0.17
159.6
6800
0.14
127.8
9.69
129.0
0.010
-8.6
0.17
142.8
7000
0.17
103.1
9.64
108.8
0.012
-18.9
0.16
128.8
7200
0.19
83.6
9.50
88.1
0.013
-34.0
0.16
120.6
7400
0.22
69.1
9.26
66.9
0.014
-26.2
0.17
112.5
7600
0.25
55.1
8.89
45.5
0.013
-44.6
0.19
98.5
7800
0.27
43.0
8.48
24.1
0.018
-62.0
0.18
87.0
8000
0.29
30.4
7.90
2.2
0.020
-80.2
0.15
87.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com