| Electronic Components Datasheet Search |
|
COP424C Datasheet(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP424C Datasheet(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 24 page ![]() Power Dissipation (Continued) Minimum Sink Current Standard Minimum Source Current Low Current Option Minimum Source Current COP444C424C445C425C Low Current Option Maximum Source Current COP344C345C324C325C Low Current Option Maximum Source Current Maximum Quiescent Current TLDD5259 – 15 FIGURE 12 InputOutput Characteristics Option List The COP444C445C424C425CCOP426C mask-pro- grammable options are assigned numbers which corre- spond with the COP444C424C pins The following is a list of options The options are pro- grammed at the same time as the ROM pattern to provide the user with the hardware flexibility to interface to various IO components using little or no external circuitry PLEASE FILL OUT THE OPTION TABLE on the next page Xerox the option data and send it in with your disk or EPROM Option 1e0 Ground Pin no options available Option 2 CKO Pin e 0 clock generator output to crystalresonator e 1 HALT IO port e 2 general purpose input with load device to VCC e 3 general purpose input high-Z Option 3 CKI input e 0 Crystal controlled oscillator input divide by 4 e 1 Crystal controlled oscillator input divide by 8 e 2 Crystal controlled oscillator input divide by 16 e 4 Single-pin RC controlled oscillator (divide by 4) e 5 External oscillator input divide by 4 e 6 External oscillator input divide by 8 e 7 External oscillator input divide by 16 Option 4 RESET input e 0 load device to VCC e 1 Hi-Z input Option 5 L7 Driver e 0 Standard TRI-STATE push-pull output e 1 Low-current TRI-STATE push-pull output e 2 Open-drain TRI-STATE output Option 6 L6 Driver (same as option 5) Option 7 L5 Driver (same as option 5) Option 8 L4 Driver (same as option 5) Option 9 IN1 input e 0 load device to VCC e 1 Hi-Z input Option 10 IN2 input (same as option 9) Option 11e0 VCC Pin no option available Option 12 L3 Driver (same as option 5) Option 13 L2 Driver (same as option 5) Option 14 L1 Driver (same as option 5) Option 15 L0 Driver (same as option 5) Option 16 SI input (same as option 9) Option 17 SO Driver e 0 Standard push-pull output e 1 Low-current push-pull output e 2 Open-drain output 19 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |