Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4210 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4210
Description  PowerSSO-12 devices evaluation board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4210 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4210 Datasheet HTML 1Page - STMicroelectronics AN4210 Datasheet HTML 2Page - STMicroelectronics AN4210 Datasheet HTML 3Page - STMicroelectronics AN4210 Datasheet HTML 4Page - STMicroelectronics AN4210 Datasheet HTML 5Page - STMicroelectronics AN4210 Datasheet HTML 6Page - STMicroelectronics AN4210 Datasheet HTML 7Page - STMicroelectronics AN4210 Datasheet HTML 8Page - STMicroelectronics AN4210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Application schematics
AN4210
4/12
Doc ID 023963 Rev 1
1
Application schematics
The evaluation boards themselves do not have any components other than the high-side
driver that is mounted on it. The schematics provided in this document are recommended for
their proper functionality. All designs have different needs and requirements. Whatever
design you decide to use, it will still need to be verified in order to meet your application
specifications. ST implies no guarantee or warranty (see Appendix A: Reference
documents).
Note:
When more than one pin is used for an output, all output pins must be tied together for
proper operation.
ST has produced two user manuals: the UM1556 (for 12 V devices) and the UM1557
(for 24 V devices) (see Appendix A: Reference documents). Those user manuals are
VIPower hardware design guides that provide the necessary information to successfully
design your circuit using our VIPower drivers.
1.1
Digital feedback designs
These devices have a logic level fault pin that is pulled low when a fault is detected and the
status disable (STAT_DIS) pin is held low. The feedback is an open Drain configuration and
requires a pull-up resistor for proper operation. For this package type (PowerSSO-12) there
are single, and dual output devices.
Figure 3.
Typical single output HSD with digital feedback block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com