Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BALF-SPI-01D3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BALF-SPI-01D3
Description  Low amplitude imbalance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-SPI-01D3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BALF-SPI-01D3 Datasheet HTML 3Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 4Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 5Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 6Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 7Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 8Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 9Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 10Page - STMicroelectronics BALF-SPI-01D3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID025035 Rev 5
7/12
BALF-SPI-01D3
Package information
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
Flip-Chip package information
Figure 15. Flip-Chip package outline
Table 4. Flip-Chip package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
A
Bump height + substrate thickness
0.590
0.650
0.710
mm
A1
Bump height
0.200
mm
A2
Substrate thickness
0.400
mm
b
Bump diameter
0.210
0.250
0.290
mm
D
Y dimension of the die
1.950
2.000
1.950
mm
D1
Y pitch
0.960
1.000
1.040
mm
D2
Y pitch2
0.460
0.500
0.540
mm
E
X dimension of the die
1.350
1.400
1.450
mm
E1
X pitch
0.790
0.820
0.850
mm
fD1
Distance from bump to edge of die on Y
axis
0.295
mm
fD2
Distance from bump to edge of die on Y
axis
0.195
mm
ccc
0.05
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com