Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WBF-00D3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CPL-WBF-00D3
Description  Wide band directional coupler with ISO port
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WBF-00D3 Datasheet(HTML) 5 Page - STMicroelectronics

  CPL-WBF-00D3 Datasheet HTML 1Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 2Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 3Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 4Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 5Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 6Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 7Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 8Page - STMicroelectronics CPL-WBF-00D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID023414 Rev 2
5/9
CPL-WBF-00D3
Package information
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9. Package dimensions
Figure 10. Footprint - non solder mask
defined
Figure 11. Footprint - solder mask defined
UBM: ø 220 µm
IN
OUT
CPL
ISO
GND
GND
1100 µm
(-332, +732)
(-58, +200)
(-58, -200)
(-332, -732)
(+342, -300)
(+342, +300)
200 µm
625 ± 50 µm
Copper pad diameter:
220µm recommended
180µm minimum
260µm maximum
Solder mask opening:
320µm recommended
300µm minimum
340µm maximum
Solder stencil opening:
220µm recommended
Line to connect copper pad on solder mask opening
shopuld be smaller than copper pad diameter
Solder mask opening:
220µm recommended
180µm minimum
260µm maximum
Copper pad diameter:
320µm recommended
300µm minimum
Solder stencil opening :
220µm recommended



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com