Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV-VN7040AS Datasheet(PDF) 3 Page - STMicroelectronics

Part # EV-VN7040AS
Description  Thermal shutdown indication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EV-VN7040AS Datasheet(HTML) 3 Page - STMicroelectronics

  EV-VN7040AS Datasheet HTML 1Page - STMicroelectronics EV-VN7040AS Datasheet HTML 2Page - STMicroelectronics EV-VN7040AS Datasheet HTML 3Page - STMicroelectronics EV-VN7040AS Datasheet HTML 4Page - STMicroelectronics EV-VN7040AS Datasheet HTML 5Page - STMicroelectronics EV-VN7040AS Datasheet HTML 6Page - STMicroelectronics EV-VN7040AS Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV-VN7040AS
Board connections
DocID026135 Rev 1
3/7
2
Board connections
Figure 2: "Evaluation board connections" shows the placement of the connectors to be
used for supplying the evaluation board, connecting the load and controlling the
functionality and diagnostic of the device.
Figure 2: Evaluation board connections
Table 2: J3 connector: pin functions
Connector
Pin
number
Pin name
Pin function
J3
1…4
N/A
Not connected
J3
5
IN_PullUP
Connection to optional external pull-up resistor for open load
detection in off-state.
J3
6
+5V
5 V Power Supply
J3
7
N/A
Not connected
J3
8
MultiSense
Current Sense pin: it delivers a current proportional to load
current
J3
9
S_EN
Active high compatible with 3 V and 5 V CMOS outputs pin;
it enables the MultiSense diagnostic pin.
J3
10…12
N/A
Not connected
J3
13
IN
Voltage controlled input pin with hysteresis, compatible with
3 V and 5 V CMOS outputs. It controls OUT switch state.
J3
14…18
N/A
Not connected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com