Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV-VN7050AS Datasheet(PDF) 5 Page - STMicroelectronics

Part # EV-VN7050AS
Description  Thermal shutdown indication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EV-VN7050AS Datasheet(HTML) 5 Page - STMicroelectronics

  EV-VN7050AS Datasheet HTML 1Page - STMicroelectronics EV-VN7050AS Datasheet HTML 2Page - STMicroelectronics EV-VN7050AS Datasheet HTML 3Page - STMicroelectronics EV-VN7050AS Datasheet HTML 4Page - STMicroelectronics EV-VN7050AS Datasheet HTML 5Page - STMicroelectronics EV-VN7050AS Datasheet HTML 6Page - STMicroelectronics EV-VN7050AS Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV-VN7050AS
Thermal data
DocID026885 Rev 2
5/7
3
Thermal data
Table 3: Thermal data
Symbol
Parameter
Max
Unit
Rthj-amb
Thermal resistance junction-ambient (MAX)
64
°C/W
Table 4: PCB specifications
Parameter
Value
Board dimensions
25 mm x 41.5 mm
Number of Cu layer
2
Layer Cu thickness
35 μm
Board finish thickness
1.6 mm +/- 10%
Board Material
FR4
Thermal vias separation
1.1 mm
Thermal vias diameter
0.5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com