Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAS8121 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DAS8121
Description  0.5 TO 8.0 GHz HIGH-SPEED DAS8121 ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAS8121 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DAS8121 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAS8121 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DAS8121
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
Input Flatness @ Vo = 100 mV
DAS8121
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.50
2.25
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
-3.0
-4.0
-5.0
-6.0
-7.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
Input Flatness @ Vo = 3.0 V
4 .0
3.0
2.0
1.0
0.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
Pulse Response @ Pin = 0 dBm
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
Input Flatness @ Vo = 100 mV
DAS8121
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.50
2.25
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
-3.0
-4.0
-5.0
-6.0
-7.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
Input Flatness @ Vo = 3.0 V
4 .0
3.0
2.0
1.0
0.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
Pulse Response @ Pin = -15 dBm
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
Input Flatness @ Vo = 100 mV
DAS8121
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.50
2.25
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
-3.0
-4.0
-5.0
-6.0
-7.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
Input Flatness @ Vo = 3.0 V
4 .0
3.0
2.0
1.0
0.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
Input Flatness @ Vo = 100 mV
DAS8121
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.50
2.25
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
-3.0
-4.0
-5.0
-6.0
-7.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
Input Flatness @ Vo = 3.0 V
4 .0
3.0
2.0
1.0
0.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
Input Flatness @ Vo = 100 mV
DAS8121
Typical Performance
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
2.50
2.25
2.00
1.75
1.50
1.25
1.00
Input Flatness @ Vo = 1.0 V
-14.0
-15.0
-16.0
-17.0
-18.0
-3.0
-4.0
-5.0
-6.0
-7.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
F R E Q U E N C Y - G H z
Input VSWR @ Pin = -15 dBm
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
Input Flatness @ Vo = 3.0 V
4 .0
3.0
2.0
1.0
0.0
F R E Q U E N C Y - G H z
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
0.0
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
8.5
9.0
9.5
10.0
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LOG SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 1.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
5 . 0
4.0
3.0
2.0
1.0
0.0
Transfer Curve @ 3.0 GHz
I N P U T P O W E R - d B m
-40
-32
-24
-16
-8
0
8
LINEAR SCALE
KEY:
+ 2 5 C
+ 8 5 C
- 5 5 C
Top Trace: Detector Response
Bottom Trace: RF Input
Time Base: 100 ηs/div



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com