| Electronic Components Datasheet Search |
|
CIE03 Datasheet(PDF) 2 Page - TEMEX |
|
|
|||||||||||||||||||||||||||||
CIE03 Datasheet(HTML) 2 Page - TEMEX |
|
2 / 11 page ![]() Digital pulse compression module CI E03 March 15 th, 2013 CI E03 Revision A3 2 / 11 www.rakon.com Technical description CI E03 functional bloc diagram is featured on Fig. 2. RF OUT B (J5) DA C 250 MS PS 16 bits RF OUT A (J4) DA C 250 MS PS 16 bits RF INA (J2) ADC 250 MS PS 12 bits RF INB (J3) ADC 250 MS PS 12 bits RE FCLK (J6) PLL / VCO Os c FPGA XC5VSX35T CLKEXT _EN Power Control N_ RST VINMA IN (J1) JTA G FPGA config (SPI ) BO ARD_OK US ER (x4) Sta tus (x3) VA NA (x2) CPLD Superv ision BIT E IF VINVCO VCFG US ER (x15) N_ BOA RD_PD Fig. 2 : CI E03 functional bloc diagram This module is specifically designed to upgrade existing SAW based pulse compression subsystems. Plugged on a specific carrier board, this module may upgrade many existing expanders and/or compressors. With a low size and low profile, it may be embedded in small form factors. This module is able to process on-the-fly 2 independent and concurrent channels. Each channel may be an expander or a compressor. The two independent channels are processed in a single FPGA, but each of them uses dedicated resources. The internal clock generator is self-sufficient but may also be locked on an external clock. An external clock is required for expander channels, but is optional for compressor channels. As the two channels uses the same ADC, same DAC component types and the same reference clock, the phase difference will be close to 0, and will be very stable inside the operating range. There is no need to use phase shifters to adjust phase difference. 16 different waveforms, each of them with different specification, may be stored for each expander channel. The active waveform is selected with 4 user inputs on J1 connector. Expander channel waveforms allows for Doppler pre-correction, e.g. there may be 2 waveforms with different specifications, each of them with 8 different Doppler pre-corrections ranging from negative values to positive values. FPGA firmware resides inside a flash PROM located on the carrier board, thus CI E03 has not to be application dependant; the same CI E03 board may be used without any modification or firmware upgrade for different applications. Firmware is automatically loaded in the FPGA at startup. CI E03 module continuously monitors its internal temperature, powers off FPGA and some other components and deasserts TEMP_OK signal on J1 connector if temperature exceeds a secure maximum threshold. CI E03 module is provided with FPGA firmware to be loaded on the carrier flash memory. Functions, and channels specifications (time dispersion, compressed pulse width, side lobes level,…) should be provided by customer; Rakon will customize the FPGA program to fulfill customer requirements. Expander channel bloc diagram is featured in Fig. 3. After each trigger pulse, a chirp defined by the samples set selected by EXP_SELECT_x (user signals) is generated, and presented to the DAC input to be translated into an analog signal. When the control input state changes, another waveform samples set is selected, and will be active for the next trigger pulse. For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |