Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNO5000B3 Datasheet(PDF) 1 Page - TEMEX

Part # LNO5000B3
Description  Low Noise Oscillator series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO5000B3 Datasheet(HTML) 1 Page - TEMEX

  LNO5000B3 Datasheet HTML 1Page - TEMEX LNO5000B3 Datasheet HTML 2Page - TEMEX LNO5000B3 Datasheet HTML 3Page - TEMEX LNO5000B3 Datasheet HTML 4Page - TEMEX LNO5000B3 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Noise Oscillator series
LNO 5000 B3
OCSO @ 5000 MHz
LNO 5000 B3 – rev.A – January 2016
1 / 5
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
to p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
Specific request can be addressed to RAKON hirel@rakon.fr
Product Description
LNO 5000 B3 is a low noise oscillator generating an output
signal at 5000 MHz.
It is composed by an OCSO (Oven Controlled SAW
Oscillator) at 500 MHz fundamental frequency, followed
by a frequency multiplier x10. It can optionally include a
PLL to be phase locked on an external 10MHz reference.
LNO 5000 B3 is designed for routine environment (test
equipment, shelter, ground based military equipment ...).
It is available in a 120.7mm x 76.2mm x 23.3mm package.
Features
Excellent phase noise performance (typical values) :
-121 dBc/Hz @ 1 kHz offset
-146 dBc/Hz @ 10 kHz offset
-157dBc/Hz noise floor
Applications
Instrumentation (test equipment, simulator)
Ground based military equipment as per MIL-PRF-28800F, Class 3
Clock for high speed ADC


Similar Part No. - LNO5000B3

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
LNO5000B3 RAKON-LNO5000B3 Datasheet
817Kb / 5P
Low Noise Oscillator series OCSO @ 5000 MHz
December 2018
More results

Similar Description - LNO5000B3

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
LNO500B2 TEMEX-LNO500B2 Datasheet
579Kb / 4P
Low Noise Oscillator
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO640D1 TEMEX-LNO640D1 Datasheet
895Kb / 4P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1000B2 TEMEX-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com