Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BST50 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BST50
Description  NPN Darlington Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BST50 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BST50 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BST50 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BST50 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
NPN Darlington Transistor
BST50;BST51;BST52
E073
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector cut-off current
ICES
VBE=0,VCE=45V
BST50
VBE=0,VCE=60V
BST51
VBE=0,VCE=80V
BST52
50
50
50
nA
nA
nA
Emitter cut-off current
IEBO
VEB=4V,IC=0
50
nA
DC current gain
hFE
VCE=10V,IC=150mA
VCE=10V,IC=500mA
1000
2000
Collector-emitter
saturation voltage
VCE(sat)
IC=500mA, IB=0.5mA
IC=500mA, IB=0.5mA,Tj=150℃
1.3
V
Base-emitter saturation
voltage
VBE(sat)
IC=500mA, IB=0.5mA
1.9
V
Transition frequency
fT
VCE=5V,IC=500mA,
f=100MHz
200
MHz
Turn-on Time
ton
400
ns
Turn-off Time
toff
ICon=500mA,IBon=0.5mA,
IBoff=-0.5mA
1500
ns
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com