Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESS3207 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ESS3207
Description  Video CD/DVD Companion Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESS3207 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ESS3207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESS3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 1997 ESS Technology, Inc. All rights reserved.
SAM0076-051701
ES3207 VIDEO CD CC PRODUCT BRIEF
MECHANICAL DIMENSIONS
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,214,125 and others, other patents
pending.
VideoDrive® is a registered trademark of ESS Technology,
Inc.
MPEG is the Moving Picture Experts Group of the ISO/IEC.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
MECHANICAL DIMENSIONS
Symbol
Description
Millimeters
Min
Nom
Max
D
Lead to lead, X-axis
23.65
23.90
24.15
D1
Package’s outside, X-axis
19.90
20.00
20.10
E
Lead to lead, Y-axis
17.65
17.90
18.15
E1
Package’s outside, Y-axis
13.90
14.00
14.10
A1
Board standoff
0.10
0.25
0.36
A2
Package thickness
2.57
2.71
2.87
bLead width
0.20
0.30
0.40
e
Lead pitch
-0.65
-
e1
Lead gap
0.24
-
-
L
Foot length
0.65
0.80
0.95
L1
Lead length
1.88
1.95
2.02
-
Foot angle
-7°
-
Coplanarity
-
-
0.102
-
Leads in X-axis
-30
-
-
Leads in Y-axis
-20
-
-
Total leads
-100
-
-
Package type
-PQFP
-
E1
A2
A1
L
E
D1
b
D
ES3207
e
1
e1
L1
100-Pin PQFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com