Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5SC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1-5SC6
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5SC6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1-5SC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ESDA6V1-5SC6
TRANSIL
™ ARRAY
FOR ESD PROTECTION
®
DESCRIPTION
The ESDA6V1-5SC6 is a 5-bit wide monolithic
suppressor which is designed to protect against
ESD
components
connected
to
data
and
transmission lines.
February 2002 - Ed: 2B
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
s
Computers
s
Printers
s
Communication systems
s
Cellular phone handsets and accessories
s
Other telephone sets
s
Set top boxes
APPLICATIONS
SOT23-6L
I/O1
I/O2
Gnd
I/O5
I/O3
I/O4
FUNCTIONAL DIAGRAM
Application Specific Discretes
A.S.D.
™
BENEFITS
s
High integration
s
Suitable for high density boards
s
5 UNIDIRECTIONAL TRANSIL
™ FUNCTIONS
s
BREAKDOWN VOLTAGE: VBR = 6.1V min
s
LOW LEAKAGE CURRENT: IR max<1
µA
FEATURES
ESD response to IEC61000-4-2
(air discharge 16kV, positive surge)
Test kV
Max
current
IEC 61000-4-2
level 4
Air
15
-
Contact
8
30 A
MIL STD
883C-Method
3015.7 class3
(human body model)
Contact
> 4
> 2.67 A
COMPLIES WITH THE FOLLOWING STANDARDS:


Similar Part No. - ESDA6V1-5SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
logo
Shanghai Leiditech Elec...
ESDA6V1-5SC6 LEIDITECH-ESDA6V1-5SC6 Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
logo
STMicroelectronics
ESDA6V1-5SC6Y STMICROELECTRONICS-ESDA6V1-5SC6Y Datasheet
708Kb / 12P
Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
03-May-2017
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
More results

Similar Description - ESDA6V1-5SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com