Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5988D Datasheet(PDF) 34 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 30Page - STMicroelectronics L5988D Datasheet HTML 31Page - STMicroelectronics L5988D Datasheet HTML 32Page - STMicroelectronics L5988D Datasheet HTML 33Page - STMicroelectronics L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Application information
L5988D
34/52
DocID15324 Rev 4
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follow:
1.
Choose a value for R8, usually between 1k and 5k, in order to have values of C5 and
C6 not comparable with parasitic capacitance of the board.
2.
Choose a gain (R5/R8) in order to have the required bandwidth (BW), that means:
Equation 35
Where fESR is the ESR zero:
Equation 36
and VS is the saw-tooth amplitude. The voltage feed forward keeps the ratio Vs/Vin
constant.
3.
Calculate C5 by placing the zero one decade below the output filter double pole:
Equation 37
4.
Then calculate C7 in order to place the second pole at four times the system bandwidth
(BW):
Equation 38
For example with VOUT = 1.2V, VIN = 12 V, IO = 4 A, L = 4.7 H, COUT = 330 F,
ESR = 35 m
 the type II compensation network is:
Equation 39
R5
fESR
fLC
------------


2
BW
fESR
------------
VS
VIN
--------- R8

=
fESR
1
2
 ESR C
OUT

--------------------------------------------
=
C5
10
2
 R
5 fLC

-------------------------------
=
C7
C5
2
 R
5 C5 4BW
1
–

--------------------------------------------------------------
=
R8 4.7k
=
R6 4.7K
=
R5 22k
=
C5 2.2nF
=
C6 33pF
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com