Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV622-2000 Datasheet(PDF) 4 Page - SICK AG

Part # CLV622-2000
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV622-2000 Datasheet(HTML) 4 Page - SICK AG

  CLV622-2000 Datasheet HTML 1Page - SICK AG CLV622-2000 Datasheet HTML 2Page - SICK AG CLV622-2000 Datasheet HTML 3Page - SICK AG CLV622-2000 Datasheet HTML 4Page - SICK AG CLV622-2000 Datasheet HTML 5Page - SICK AG CLV622-2000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV622-2000 | CLV62x
BAR CODE SCANNERS
Permissible relative humidity
90 %, Non-condensing
Ambient light immunity
2,000 lx, on bar code
Bar code print contrast (PCS)
≥ 60 %
General notes
Note on use
For Ethernet connection please use an Ethernet version of CLV6xx
Classifications
ECl@ss 5.0
27280102
ECl@ss 5.1.4
27280102
ECl@ss 6.0
27280102
ECl@ss 6.2
27280102
ECl@ss 7.0
27280102
ECl@ss 8.0
27280102
ECl@ss 8.1
27280102
ECl@ss 9.0
27280102
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
Dimensional drawing (Dimensions in mm (inch))
CLV62x Standard, side
13.9
(0.55)
10
(0.39)
10
59.4 (2.34)
22.5
(0.89)
79.9 (3.15)
0.2
(0.01)
37.9
(1.49)
22.5
(0.89)
1
1
①  M5
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com