Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56B-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56B-DISCOVERY
Description  SPC560B-DIS Discovery evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56B-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56B-DISCOVERY Datasheet HTML 1Page - STMicroelectronics SPC56B-DISCOVERY Datasheet HTML 2Page - STMicroelectronics SPC56B-DISCOVERY Datasheet HTML 3Page - STMicroelectronics SPC56B-DISCOVERY Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is information on a product in full production.
July 2015
DocID025156 Rev 3
1/10
SPC56B-Discovery
SPC560B-DIS Discovery evaluation board
Data brief
- production data
Features
• SPC560B54L5 32-bit 48 MHz e200z0h CPU,
32-bit Power Architecture® Technology CPU,
768 kB Code Flash in an LQFP144 package.
• On-board USB-JTAG PLS debugger and HW
selection mode to use stand-alone JTAG
debuggers.
• Board power supply: through external +12 V
PSU or from the USB bus (5 V supply voltage).
• Seven LEDs: D6 for 5 V power on,D2 for
Reset, D101, D102, D103 for PLS debugger
section, D7 and D8 for PC3 and PC2 outputs
• Two push buttons (reset and user)
• A potentiometers for ADC input (user)
• Two extension headers (2 x 36 pin - 100 mil)
for all LQFP144 pins and for quick connection
to prototyping boards, additional modules and
easy probing.
• JTAG interface (2 x 7 male 100mil connector)
• USB port (mini -B)
• 16 MHz crystal
• Specification:
– Board size 100 x 55 mm
– MCU: SPC560B54L5 - LQFP144
– 2 extension headers 2 x 36 pin - 100 mil
– DC connector (+12 V input)
– Mini USB - B
– JTAG 2 x 7 - 100 mil connector
Description
The SPC560B-DIS Discovery is a low cost and
quick way to discover SPC56 B line.
Based on SPC560B54L5, the discovery board
includes a JTAG debugger from PLS, LEDs, push
buttons and extension headers to connect
prototyping boards or additional modules.
PLS UDE software is available for free download
and includes a perpetual 256 kByte
debugging/programming license.
Free ready-to-run application firmware examples
are available on SPC5Studio to support quick
evaluation and development.
SPC5Studio includes visual configurable code
generation engine, board support package (BSP),
startup routines, interrupt services, free RTOS
(optional) and a full set of low level drivers.
SPC5Studio includes HighTec GNU "C" compiler,
with a 30-days full free trial support. SPC5Studio
is available for free download.
The SPC56 B line is designed to address the
specific need of car body applications but as well
many other markets where high temperature
operation, high reliability, low power stand-by
operation with quick wake up and real-time loads
diagnostic are required.
An E2E Community is available on ST WEB to
get ST experts support in getting started quickly
with SPC56 microcontrollers.
Table 1. Device summary
Order code
Reference
SPC560B-DIS
SPC56B-Discovery with
SPC560B54L5
www.st.com


Similar Part No. - SPC56B-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
More results

Similar Description - SPC56B-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com