Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTOUTC1002 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC1002
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1002 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC1002 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1002 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1002 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1002 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1002 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1002 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
5-1000
13.5
±1.0
4.5
+7.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
5-1000
14.5
±0.5
3.0
+8.5
<1.5:1
<1.5:1
+21.0
+30.0
+36.0
23
5-1000
14.0
±1.0
4.0
+7.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
16.0
0
Gain
Frequency, MHz
200
15.5
15.0
400
800
1000
14.5
14
600
4
Frequency, MHz
3
2
Noise Figure
200
400
600
800
0
1000
1
11
Power Output
Frequency, MHz
0
7
2.0
Input VSWR
Frequency, MHz
1.75
1.5
1.0
Output VSWR
Frequency, MHz
26
Third-Order Intercept Point
Frequency, MHz
40
Second-Order Intercept Point
Frequency, MHz
35
50
Second-Harmonic Intercept Point
Frequency, MHz
35
200
2.0
1.75
1.5
1.25
0
200
400
1.0
0
200
400
25
1.25
600
200
400
1000
6
22
18
1000
1000
1000
400
1000
0
200
400
1000
16
20
30
0
0
10
400
800
600
800
600
800
20
24
600
800
30
600
800
40
45
200
600
800
9
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com