Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-CBL010V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-CBL010V1
Description  Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CBL010V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-CBL010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Application circuit
STEVAL-CBL010V1
1
Application circuit
Figure 1: STEVAL-CBL010V1
2/4
DocID025830 Rev 1
L1
C3
Vin
12V
to LNB
LX
Vup
Vout
ADDR
C4
LNBH25
{
I2C Bus
SDA
SCL
P-GND
A -GND
D1
C5
ISEL
R1 (RSEL)
Byp
C7
DSQIN
C2
C1
Vcc
D2
FLT
DiSEqC
Envelope
TTL
or
DiSEqC
22KHz
TTL
D3
21
3
17
16
9
8
7
4
15
6
2
22
20
AM10431v1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com