Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-CCA003V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-CCA003V1
Description  Near-zero pop and click
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA003V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-CCA003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA003V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Circuit schematic
STEVAL-CCA003V1
2/4
1
Circuit schematic
Figure 1.
Schematic
1
2
12
16
15
Bias
3
AV = -1
Bypass L
Standby
+
-
+
-
AV = -1
+
-
+
-
10
9
8
7
11
Bypass R
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
U1
*
VCC
Cn1
C7
1u
C9
100nF
Vcc
GND
1
2
3
Cn8
VCC
Cn4
Cn7
R2
R3
C2
C3
Cn2
Cn3
Neg. Input L
GND
Pos. Input L
GND
Jumper J1
R6
R5
C5
C4
Cn6
Cn5
Neg. Input R
GND
Pos. Input R
GND
C1
R1
C6
R8
R4
R7
C8
1u
Neg. Output L
Pos. Output L
Neg. Output R
Pos. Output R
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com