Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDB005V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-IDB005V1
Description  Bluetooth low energy board based on the BlueNRG-MS network processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB005V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-IDB005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-IDB005V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STEVAL-IDB005V1
Schematic diagram
DocID027804 Rev 1
3/11
Figure 2: Temperature sensor
Figure 3: Accelerometer
Vcc_3V3
VDD_SENS
VDD_SENS
I2C1_SDA
I2C1_SCL
TSEN_INT
3V3
TEMPERATURE SENSOR
R2
R_10k_0603
C1
C_100N_0603_X7R
U2
STLM75
U2
SDA
1
SCL
2
nOS/INT
3
GND
4
VDD
8
A0
7
A1
6
A2
5
C2
C_1U_0603_X5R
C2
R1
R_0R0_0603
GSPG2404151140SG
Vcc_3V3
Vcc_3V3
SPI1_NSS
SPI1_MISO
SPI1_MOSI
SPI1_SCK
INT1
INT2
3V3
ACCELEROMETER
R3
R_0R0_0603
1
2
3
C3
C_100N_0603_ X7R
U1
LIS3DH
Vdd_IO
1
NC
2
NC
3
SCL/SPC
4
GND
5
ADC3
13
GND
12
INT1
11
RES
10
INT2
9
C_1U_0603_X5R
C4
GSPG2404151030SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com