Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA4-050EU Datasheet(PDF) 1 Page - Emerson Network Power

Part # DA4-050EU
Description  DA4 Series 4 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA4-050EU Datasheet(HTML) 1 Page - Emerson Network Power

  DA4-050EU Datasheet HTML 1Page - Emerson Network Power DA4-050EU Datasheet HTML 2Page - Emerson Network Power DA4-050EU Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 10.01.10_124
DA4 Series
1 of 3
Embedded Power for
Business-Critical Continuity
DA4 Series
4 Watts
Special Features
•Switchingwallmount
power supply
•AvailableinmultipleACplug
configurations
•CEMarkEMC&LVD
•UniversalACinput
•Regulatedoutput
•Overloadandshortcircuit
protection
•Constantvoltage,constant
current
•HighMTBF
•BuiltinEMIfilter(CISPR22
Class B)
•LEDpowergoodindicator
Total Power:
4 Watts
Input Voltage:
90-264Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac(widerange)
Frequency:
47-63Hz
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB&EMC89/336/EEC
Safetyground
leakagecurrent:
100 µA@50/60Hz,230Vacinput
Output
Voltage(Vo):
5.5V(5.0V-6.0V)
MaximumPower(Po):
4 W
Hold-uptime:
15ms.typicalatfullload@115Vac
Overvoltageprotection:
25%abovenominaloutputmaximum
Latchingtype
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected>800mA
Outputcable/
connectorbarrelpolarity:
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+V;DCplugouter-V
Reversepolarity:
-0001suffix
DCplugcenter-V;DCplugouter+V
Operatingtemperature:
0° to 50 °C ambient
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55082-1
Humidity:
Operating;non-condensing20%to90%RH
Vibration:
PerIEC60068-2-6
EnvironmentalSpecifications
UL
60950/6500
CSA
60950
TUV
60950
NEMKO 60950
CB
Certificate and report
CE
EMC&LVD
CCC
Mark
DA4-050CH
DA4-050US
DA4-050EU


Similar Part No. - DA4-050EU

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA4-050EU ASTEC-DA4-050EU Datasheet
128Kb / 3P
4 Watts
logo
Emerson Network Power
DA4-050EU EMERSON-NETWORKPOWER-DA4-050EU Datasheet
570Kb / 3P
Switching wallmount power supply
More results

Similar Description - DA4-050EU

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA4-050US ASTEC-DA4-050US Datasheet
128Kb / 3P
4 Watts
logo
Anaren Microwave
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
Chip Terminations 4 Watts, 50ohm
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
UP TO 4 WATTS
logo
Anaren Microwave
A4B50X1A ANAREN-A4B50X1A Datasheet
261Kb / 2P
Chip Termination 4 Watts
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
30 Watts RDC Series
JCK4012S3V3 XPPOWER-JCK4012S3V3 Datasheet
135Kb / 2P
40 Watts JCK Series
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
40 Watts JTL Series
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
4/6 Watts JCA Series
JTC04 XPPOWER-JTC04 Datasheet
261Kb / 2P
4/6 Watts JTC Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com