Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDS001V5M Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-IDS001V5M
Description  Debug connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDS001V5M Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-IDS001V5M Datasheet HTML 1Page - STMicroelectronics STEVAL-IDS001V5M Datasheet HTML 2Page - STMicroelectronics STEVAL-IDS001V5M Datasheet HTML 3Page - STMicroelectronics STEVAL-IDS001V5M Datasheet HTML 4Page - STMicroelectronics STEVAL-IDS001V5M Datasheet HTML 5Page - STMicroelectronics STEVAL-IDS001V5M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STEVAL-IDS001V5M
Schematic diagrams
DocID028063 Rev 1
3/6
Figure 3: STEVAL-IDS001V5M part 3
Murata (CSTCE8M00G55-R0 )
Digikey (490-1195-1-ND )
RS: 283-961
Farnell: 1615352
MCU - Oscillator - MCU Voltage
VDD_2
VDD_1
VLCD
nRESE T
VDD_3
VDD _A
USB_DM
USB_DP
SW O
SW DIO
SW CLK
BOO T0
nRESE T
SPI2_CLK
SPI2_MOSI
SPI2_MISO
SPI_CS
OSC_OUT
OSC_IN
OSC_IN
OSC_OUT
User_Button_1
User_Button_2
USER_LED_1
USER_LED_2
EEP ROM_CS
IRQ0_SPxx
IRQ1_SPxx
IRQ3_SPxx
IRQ2_SPxx
UART2_TX
UART2_RX
RESE TN_SDN
D_VDD
A_VDD
GND
D_VDD
GND
GND
GND
D_VDD
D_VDD
GND
D_VDD
GND
GND
C8
100n F
16V
SMD 040 2
STM32L151CBU6 A
U1
STM32L151 CBU6A
PC13 -RTC_AF1-WKUP 2
2
PC14 -OSC32_ IN
3
PC15 -OSC32_OU T
4
PH0_OSC_ IN
5
PH1 -OSC_OU T
6
NRS T
7
PA0 -WKUP 1
10
PA 1
11
PA 2
12
PA 3
13
PA 4
14
PA 5
15
PA 6
16
PA 7
17
PB 0
18
PB 1
19
PB2 -BOO T1
20
PB1 0
21
PB1 1
22
PB1 2
25
PB1 3
26
PB1 4
27
PB1 5
28
PA 8
29
PA 9
30
PA1 0
31
PA1 1
32
PA1 2
33
PA13 -JT MS -SWD IO
34
PA14 -JT CK -SWCL K
37
PA15 -JT DI
38
PB3 -JT DO -T RACESW O
39
PB4 -NJT RS T
40
PB 5
41
PB 6
42
PB 7
43
BOOT 0
44
PB 8
45
PB 9
46
C5
100n F
16V
SMD 040 2
R11
10k
SMD 040 2
C3
100n F
16V
SMD 040 2
C9
1uF
10V
SMD 040 2
Y1
8MHz
1
3
C4
100n F
16V
SMD 040 2
C7
10u F 4V
SMD 040 2
C6
100n F
16V
SMD 040 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com