Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFP010V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP010V1
Description  Current limitation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP010V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP010V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP010V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IFP010V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2008
Rev 1
1/6
6
STEVAL-IFP010V1
Demonstration board for the VNI2140J
dual high-side, solid-state smart power relay
Features
■ Output current: 1 A per channel
■ Shorted load protection
■ Junction over-temperature protection
■ Case over-temperature protection for thermal
independence of the channels
■ Non-simultaneous TCSD (thermal case
shutdown) restart for the various channels
■ Protection against loss of ground
■ Current limitation
■ Under-voltage shutdown
■ Open load in OFF state and short to VCC
detection
■ Open drain diagnostic outputs
■ 3.3 V CMOS/TTL compatible inputs
■ Fast demagnetization of inductive loads
■ Conforms to IEC 61131-2 supply voltage: +4 V
to +36 V
Description
This demonstration board is based on the
VNI2140J, a monolithic device designed using
ST’s VIPower technology for driving two
independent resistive or inductive loads with one
side connected to ground. Active current limitation
prevents the dropping of system power supply in
case of a shorted load. Built-in thermal shutdown
protects the chip from over-temperature and
short-circuit. In overload condition, channel turns
OFF and back ON automatically in order to
maintain the junction temperature between TTSD
and TR. If this condition causes case temperature
to reach TCSD, the overloaded channel is turned
OFF and will restart only when case temperature
has decreased down to TCR.
In cases where more than one channel is in
overload, the TCSD restart will not be
simultaneous, in order to prevent high peak
current from the supply. Non overloaded channels
continue to operate normally. The open drain
diagnostics output indicates over-temperature.
STEVAL-IFP010V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IFP010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
Junction overtemperature protection
22-Dec-2011
More results

Similar Description - STEVAL-IFP010V1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
Current limitation reactor
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
Programmable Load-current Limitation with Over- and High-load Output
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
Low standby losses power front-end with inrush current-limitation
16-Jun-2016
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
Adjustable current limitation
04-Mar-2015
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
Adjustable current limitation
12-Jan-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com