Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFP023V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP023V1
Description  16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP023V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP023V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP023V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP023V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP023V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
December 2014
DocID027245 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP023V1
16-bit digital input card based on the CLT01-38S4 high-speed
protected digital termination array
Data brief
Features
8/16 input channel topology (CLT01-38S4
chip on STEVAL- IFP023V1 board)
Fully integrated current limiter
Termination for IEC 61131-2 type 1 and 3
inputs
SPI communication peripheral working at
high frequency
Voltage regulator integrated on chip
Thermal/voltage alarms and checksum
Wide range supply voltage operation
Low power dissipation compared to discrete
solutions
Low external component count
Overvoltage protection
ESD in accordance with IEC 61000-4-2,
class 3, 8 kV air discharge, 6 kV contact
discharge
Excellent EMC immunity
High energy surge (IEC 61000-4-5), 2
kV / criteria “B” without external
protection
Fast transient burst (IEC 61000-4-4), ±
3 kV criteria “A”
RF amplitude modulation (IEC 61000-4-
6), 150 kHz -
80 MHz, 3 V / criteria “A”
SPI bus provides cost-effective isolation
Reduces overall dissipation
Compact module HTSSOP-38 package
RoHS compliant
Description
The STEVAL-IFP023V1 product evaluation board
allows designers to evaluate the performance of
the CLT01-38S4 high-speed protected digital
termination array in industrial environmental
conditions. The board includes two CLT01-38S4
chips connected to an SPI bus in a daisy chain
configuration. It offers a 16-bit digital input
interface and indicates each sensor logic state
with an LED.


Similar Part No. - STEVAL-IFP023V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP020V1 STMICROELECTRONICS-STEVAL-IFP020V1 Datasheet
164Kb / 4P
PLC (for industrial automation) digital output solution using a 2.5 A single high-side smart power switch based on the L6370Q
22-Dec-2011
STEVAL-IFP021V1 STMICROELECTRONICS-STEVAL-IFP021V1 Datasheet
181Kb / 4P
5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses
27-Jan-2012
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
More results

Similar Description - STEVAL-IFP023V1

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7809LP MAXWELL-7809LP Datasheet
462Kb / 23P
16-Bit Latchup Protected Analog to Digital Converter
logo
STMicroelectronics
SCLT3-8BT8 STMICROELECTRONICS-SCLT3-8BT8 Datasheet
705Kb / 33P
Protected digital input termination with serialized state transfer
02-Nov-2009
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
Digital input termination PCLT2
22-Oct-2007
AN2680 STMICROELECTRONICS-AN2680 Datasheet
131Kb / 15P
Fan speed controller based on STDS75 or STLM75 digital
06-Feb-2008
AN4625 STMICROELECTRONICS-AN4625 Datasheet
648Kb / 26P
STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
26-Jan-2015
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
Based on digital Memosens technology
2021-12-31
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com