Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM040V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM040V1
Description  BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM040V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM040V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
December 2012
Doc ID 024098 Rev 1
1/6
6
STEVAL-IHM040V1
BLDC/PMSM driver demonstration board based on STM32 and the
SLLIMM™ nano
Data brief
Features
■ Extended AC input mains range: 115 or 230
VAC nominal at 50/60 Hz, or DC input voltage
between 150 and 350 VDC
■ Output current: 0.5 ARMS to the motor
■ Power stage: 3-phase inverter bridge
implemented using the STGIPN3H60 SLLIMM-
nano intelligent power module
■ RoHS compliant
Description
The STEVAL-IHM040V1 is a 3-phase permanent
magnet brushless motor driver designed to drive
a motor using either the six step or field oriented
control (FOC) commutation technique. The board
can operate from an AC mains of either 115 or
230 VAC nominal at 50/60 Hz, or from a DC input
voltage between 150 and 350 VDC. The board
can supply a continuous output current of 0.5
ARMS to the motor.
The circuit consists of three main blocks. The first
is the digital control block, which uses the
STM32F100C8T6 microcontroller to implement
the control algorithms and to generate the control
signals for the power stage. The main outputs of
the control block are the signals for the power
stage.
The second block is the power stage, a 3-phase
inverter bridge implemented using the
STGIPN3H60 SLLIMM-nano intelligent power
module. The SLLIMM includes the 6 IGBTs, gate
drivers and level shift required to interface the
logic signals from the digital control to the motor
terminals. The SLLIMM also provides a hardware
overcurrent shutdown and an op-amp used to
scale and bias the current sensing.
The third block is the power supply, which
employs the VIPER16 to convert the high voltage
DC bus to a regulated 15 V supply that supplies
the SLLIMM and analog circuitry on the board.
The 15 V supply also supplies an L78L33 linear
regulator that provides the 3.3 V logic supply for
the microcontroller.
Two firmware control programs are available, one
for six steps and one for FOC, which run on the
same hardware platform.
www.st.com


Similar Part No. - STEVAL-IHM040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM043V1 STMICROELECTRONICS-STEVAL-IHM043V1 Datasheet
176Kb / 5P
RoHS compliant
11-Feb-2013
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
More results

Similar Description - STEVAL-IHM040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
15-Mar-2010
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-IHP001V2 STMICROELECTRONICS-STEVAL-IHP001V2 Datasheet
243Kb / 11P
SmartPlug demonstration board based on the STM32, SN260 (ZigBee® transceiver) and STPM01
July 2009 Rev 1
STEVAL-IPMNG3Q STMICROELECTRONICS-STEVAL-IPMNG3Q Datasheet
337Kb / 8P
Motor control power board based on the SLLIMM-nano 2nd series
27-Feb-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com