Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM045V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM045V1
Description  3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM045V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM045V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHM045V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID025648 Rev 1
1/7
STEVAL-IHM045V1
3-phase high voltage inverter power board for FOC
based on the STGIPN3H60A (SLLIMM™-nano)
Data brief
Features
 Wide-range input voltage (30-270 Vac)
 Maximum power up to 100 W at 230 Vac input
 Based on the STGIPN3H60A SLLIMM™-nano
AC motor drive
 Mounts the VIPer06 fixed frequency offline
converter from the VIPer™ plus family
 Efficient DC-DC power supply (15 V, 3.3 V)
 DC bus voltage power supply connectors
 External 15 V input
 Dedicated connector for interfacing with the
various other ST evaluation boards
 Suitable for sinusoidal FOC drives
 Selectable single or three-shunt current
reading topology with fast operational amplifier
 Configurable for direct motor current sampling
from shunt resistors
 Hardware overcurrent detecting network
 Temperature sensor
 Hall sensor/quadrature encoder inputs
 RoHS compliant
Description
The STEVAL-IHM045V1 system evaluation board
is a 3-phase inverter designed to perform field
oriented control (FOC) of sinusoidal-shaped back-
EMF PMSMs with or without sensors, with
nominal power up to 100 W. This flexible, high-
performance design consists of a 3-phase
inverter bridge based on the STGIPN3H60A
SLLIMM™-nano (small low-loss intelligent
molded module) IPM, 3-phase inverter, 3 A / 600
V very fast IGBT and the VIPer06 fixed frequency
offline converter from the VIPer™ plus family.
The system is specifically designed to achieve
fast and accurate current feedback conditioning,
thereby matching the requirements typical of
high-end applications such as field oriented motor
control.
The board is compatible with 110 and 230 Vac
mains, and includes an auxiliary power supply
stage with the VIPer06 to generate the +15 V and
the +3.3 V supply voltages required by the
application.
Through a dedicated connector, the board can be
interfaced with the STM3210B-EVAL,
STM32100B-EVAL, STM3210E-EVAL,
STM320518-EVAL, STM3220G-EVAL,
STM32303C-EVAL, STM3240G-EVAL (STM32
microcontroller evaluation boards), STEVAL-
IHM022V1 (high density dual motor control
evaluation board based on the STM32F103ZE
microcontroller), STEVAL-IHM039V1 (Dual motor
drive control stage based on the STM32F415ZG
microcontroller) and the STEVAL-IHM033V1
(Control stage based on the STM32F100CB
microcontroller suitable for motor control).
www.st.com


Similar Part No. - STEVAL-IHM045V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM043V1 STMICROELECTRONICS-STEVAL-IHM043V1 Datasheet
176Kb / 5P
RoHS compliant
11-Feb-2013
More results

Similar Description - STEVAL-IHM045V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IPMNG3Q STMICROELECTRONICS-STEVAL-IPMNG3Q Datasheet
337Kb / 8P
Motor control power board based on the SLLIMM-nano 2nd series
27-Feb-2017
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com