Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS353-CEF Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS353-CEF
Description  350 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS353-CEF Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS353-CEF Datasheet HTML 1Page - Artesyn Technologies LPS353-CEF Datasheet HTML 2Page - Artesyn Technologies LPS353-CEF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Peak Load 1 Regulation 2
Ripple P/P
(PARD)3
LPS352-C 5V(3-6V)
0A
70A
80A
±2%
50mV
LPS353-C 12V(6-12V)
0A
29.2A
33A
±2%
120mV
LPS354-C 15V(12-24V)
0A
23.3A
26A
±2%
150mV
LPS355-C 24V(24-48V)
0A
14.6A
16A
±2%
240mV
1.Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2.At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactory
settings.
3.Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltage
andloadranges.
4.IfoptionalCForCEFfansarenotused,30CFMforcedaircoolingneedstobeprovidedandisrequired
throughthelengthofthepowersupply.Notconvectionrated.
5. Outputvoltageadjustmentrequiresa1Aload.
6. RemoteinhibitresetsOVPlatch.
Note:-CFsuffixaddedtothemodelnumberindicatescoverwithfan,
-CEFsuffixaddedtomodelnumberindicatesend-mountedfanchassis.
Rev. 11.27.12
LPS350 Series
2 of 3
Operatingtemperature: 0°to50°Cambient;
derateeachoutputat2.5%perdegreefrom50°to70°C
Storagetemperature:
-40°Cto+85°C
Temperaturecoefficient: ±0.4%per°
C
Electromagnetic
susceptibility:
DesignedtomeetIEC801,-2,-3,-4,-5,-6,Level3
Humidity:
Operating;non-condensing5%to95%
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.
dwellatfourmajorresonances0.7Gpeak5Hzto500Hz,
operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
LogicControl
Power failure
TTLlogicsignalgoeshigh50-150msecafter5Voutput.It
goeslowatleast4msecbeforelossofregulation
Remoteon/off
Requiresanexternalcontact(N.OorN.C)toinhibitoutputs
DC-OK
TTLlogicgoeshigh50-150msecafter5Voutput.Itgoeslow
whenthereislossofregulation
Remotesense
Compensatesfor0.5Vleaddropmin.Willoperatewithout
remotesenseconnected.Reverseconnectionprotected
Mating Connectors
SK3
Molex:22-01-1104
PINS:08-70-0057
SK4
Molex22-01-3027
PINS:08-50-0114
SK5
Molex22-01-3027
PINS:08-50-0114
SK6
Molex22-01-3027
PINS:08-50-0114
AstecConnectorKit#70-841-011,includesallof
theabove.
PinAssignments
SK1 PIN1 Neutral
PIN2 Line
PIN3 Ground
SK3 PIN1 N/C
PIN2 N/C
PIN3 +Sense
PIN4 - Sense
PIN5 POK
PIN6 C.Share
PIN7 DC-OK
PIN8 Inhibit(N.O.)
PIN9 Inhibit(N.C.)
PIN10 COM
SK4 PIN1 +Fan1
(12V@150mA)
PIN2 – Common
SK5 PIN1 +5Vaux
(5V@100mA)
PIN2 – Common
SK6 PIN1 +Fan2
(12V@150mA)
PIN2 – Common



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com