Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHT001V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT001V1
Description  Thermostat control demonstration board for refrigerators, based on the ST7Lite39
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 18009 Rev 1
1/4
4
STEVAL-IHT001V1
Thermostat control demonstration board for refrigerators,
based on the ST7Lite39
Features
■ Power supply: 220 Vac
■ Power output: 36 W
■ Boost topology
■ Discontinuous-conduction mode
■ RoHS compliant
Description
The STEVAL-IHT001V1demonstration board is a
complete reference system for a simple cost-
effective PFC (power factor corrector) using
bipolar transistors and is intended for low-to-
medium power HF ballasts.
The proposed bipolar PFC solution targets the
low-cost HF ballast market up to 80 W as it
provides a simple cost-effective solution without
sacrificing THD and PF levels. No additional ICs
are required for the PWM signal as the device
uses just a power bipolar transistor and a closed-
loop feedback which performs the duty cycle
modulation and output power regulation.
The active PFC solution with bipolar transistor
adopts the boost topology operating in
discontinuous-conduction mode.
STEVAL-IHT001V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IHT001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
More results

Similar Description - STEVAL-IHT001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-CLP001V1 STMICROELECTRONICS-STEVAL-CLP001V1 Datasheet
81Kb / 4P
Demonstration board for PMOLED display power supply based on the STOD2540
04-Jun-2008
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com