Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD965 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SD965
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SD965 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SD965 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SD965 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965
E032
www.gmicroelec.com
Rev.B
1
FEATURES
Collector current up to 5A
Collector-Emitter voltage up to 20V
APPLICATIONS
Audio amplifier
Flash unit of camera
Switching circuit
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SD965
D965
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
5
A
PC
Collector power dissipation
750
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-65 to +150
Pb
Lead-free


Similar Part No. - 2SD965

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD965 PANASONIC-2SD965 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
logo
Wing Shing Computer Com...
2SD965 WINGS-2SD965 Datasheet
181Kb / 1P
TRANSISTOR (NPN)
logo
Panasonic Semiconductor
2SD965 PANASONIC-2SD965 Datasheet
88Kb / 3P
Silicon NPN epitaxial planar type
logo
List of Unclassifed Man...
2SD965 ETC1-2SD965 Datasheet
68Kb / 1P
NPN SILICON TRANSISTOR
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
More results

Similar Description - 2SD965

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN888 STMICROELECTRONICS-STN888 Datasheet
107Kb / 9P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
03-Aug-2005
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965B UTC-2SD965B Datasheet
101Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
D965SS UTC-D965SS Datasheet
77Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
2SD965 UTC-2SD965_09 Datasheet
137Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
STD888 UTC-STD888 Datasheet
132Kb / 3P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
2SD965A UTC-2SD965A_15 Datasheet
236Kb / 5P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
D965ASS UTC-D965ASS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
STD888 UTC-STD888_15 Datasheet
126Kb / 3P
HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com