Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C8008 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS6C8008
Description  512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8008 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS6C8008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C8008 Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP-II Package Outline Dimension
DIMENSIONS IN MILLMETERS
DIMENSIONS IN MILS
SYMBOLS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-
-
1.20
-
-
47.2
A1
0.05
0.10
0.15
2.0
3.9
5.9
A2
0.95
1.00
1.05
37.4
39.4
41.3
b
0.30
-
0.45
11.8
-
17.7
c
0.12
-
0.21
4.7
-
8.3
D
18.212
18.415
18.618
717
725
733
E
11.506
11.760
12.014
453
463
473
E1
9.957
10.160
10.363
392
400
408
e
-
0.800
-
-
31.5
-
L
0.40
0.50
0.60
15.7
19.7
23.6
ZD
-
0.805
-
-
31.7
-
y
-
-
0.076
-
-
3
Θ
0
o
3
o
6
o
0
o
3
o
6
o
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
JANUARY 2008
JANUARY/2008, V 1.0
Alliance Memory Inc.
Page 8 of 11
AS6C8008
1024K X 8 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com