Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC309MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC309MS8
Description  2.4 GHz FRONT-END LNA / SWITCH IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC309MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC309MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC309MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1 - 111
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
ANT
(PIN 2)
Rx
(PIN 8)
Vdd (PIN 6)
Ground (PINS 1, 3, 7)
Tx
(PIN 4)
CTL(PIN 5)
POWER
MANAGEMENT
2.4 GHz FRONT-END LNA / SWITCH IC
Absolute Maximum Ratings
)
d
d
V
(
e
g
a
t
l
o
V
y
l
p
p
u
Sc
d
V
8
+
)
L
T
C
(
e
g
n
a
R
e
g
a
t
l
o
V
l
o
r
t
n
o
C2
.
0
-
V
d
d
V
o
t
T
N
A
@
r
e
w
o
P
t
u
p
n
I
)
V
3
+
=
d
d
V
,
"
N
O
"
A
N
L
(
m
B
d
0
1
-
x
T
@
r
e
w
o
P
t
u
p
n
I
)
V
3
+
=
d
d
V
,
"
N
O
"
h
c
t
i
w
S
(
m
B
d
4
3
+
)
c
T
(
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
C5
7
1
oC
)
c
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
e
d
i
s
k
c
a
B
l
e
n
n
a
h
C
(
2
3 o
W
/
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
1
+
o
t
5
6
-
oC
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O5
8
+
o
t
5
5
-
oC
Outline
Schematic
HMC309MS8
V
01.0900
1.
MATERIAL:
A) PACKAGE BODY - LOW STRESS INJECTION-
MOLDED PLASTIC.
B) LEADFRAME MATERIAL: COPPER ALLOY
2 .
PLATING : LEAD - TIN SOLDER PLATE
3.
DIMENSIONS ARE IN INCHES (MILLIMETERS).
UNLESS OTHERWISE SPECIFIED ALL TOL. ARE ±0.005(±0.13).
4.
DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15 MM PER SIDE
5.
DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25 MM PER SIDE
Truth Table
l
o
r
t
n
o
C
)
c
d
V
(
t
u
p
n
I
h
t
a
P
l
a
n
g
i
S
L
T
C
x
R
o
t
T
N
A
T
N
A
o
t
x
T
0n
Of
f
O
3
+f
f
On
O
Control Input Tolerances are ± 0.2 Vdc
Note:
DC blocking capacitors are required on the
ANT port (Pin 2) and the Tx port (Pin 4).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com