Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTD2002 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTD2002
Description  Threshold Detector 10 to 2000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTD2002 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTD2002 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C = – 55 to +85°C
10-2000
±1.0
–10 to +10
2.0:1
±1.5
±1.0
±0.7
—
—
—
—
—
—
TTL
2.7
3.0
2.0
—
—
—
—
—
—
15
MHz
dB
dBm
—
dB
dB
dB
Ω
Ω
Ω
dB
dB
mA
—
V
mA
mA
—
ns
ns
ns
VDC
VDC
mA
T
C = 0 to 50°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-2000
±0.7
–10 to +10
1.7:1
±1.0
±0.7
±0.5
—
—
—
—
—
—
TTL
2.7
3.0
2.0
—
—
—
—
—
—
15
Characteristic
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Frequency (Min.)
Input Flatness (Max.), PIN = –10 to +10 dBm
Input Operating Range
Input VSWR (Max.)
Threshold Temperature Stability (Max.)
@ –10 dBm Input Power
@ 0 dBm Input Power
@ +10 dBm Input Power
Threshold Control Voltage/Resistance
@ –10 dBm Input Power
@ 0 dBm Input Power
@ +10 dBm Input Power
Threshold Hysteresis (Max.)
Resistance Control
Voltage Control
Control Terminal Current
Output Compatibility
Output at PIN Threshold (Min.)
Output Short Circuit Current (Min.)
Output Sink Current (Min.), V0 = 0.7 V
Output for Input Power Change > 3 dB
above CW Threshold
CL = 15 pF
Rise Time
Fall Time
Propagation Delay
Supply Voltage
As Specified
Operational
Supply Current @ +15 Volts
10-2000
±0.5
–10 to +10
1.3:1
—
—
—
90 mV/300
Ω
280 mV/900
Ω
900 mV/2900
Ω
1.0
0.1
0.3
TTL
2.7
3.0
2.0
—
30
80
1000
+15
+11 to +16
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com