Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTF0040 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTF0040
Description  Attenuator 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0040 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTF0040 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal)
Symbol
Unit
T
C
= –55 to +85
°C
10-1000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
MHz
dB
dB
dB
dB
dB
—
—
dB
dBm
dBm
ms
VDC
mA
VDC
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-1000
—
—
—
—
—
—
—
±.5
—
—
.4
+15
10
0 to –12
0 to 75
10-1000
40
35
30
2.2
2.5
2.0:1
2.5:1
—
0
+6.0
—
+15
10
0 to –10
0 to 75
Characteristic
BW
—
—
—
—
—
—
—
—
—
—
Frequency Range
Attenuation, Min. (VC = –10 V)
30-250 MHz
10-500 MHz
10-1000 MHz
Insertion Loss, Max. (VC = +0 V)
10-500 MHz
10-1000 MHz
VSWR (Worst Case In Attenuation
Range)
10-500 MHz
10-1000 MHz
Flatness Over Frequency (to 20 dB)
Max Small Signal Input Level
10-50 MHz
50-1000 MHz
Switching Speed (10% to 90%)
(ON to OFF or OFF to ON)
Bias Voltage
Bias Current
Control Voltage
Control Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com