Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C902 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C902
Description  Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C902 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C902 Datasheet HTML 1Page - National Semiconductor (TI) MM54C902 Datasheet HTML 2Page - National Semiconductor (TI) MM54C902 Datasheet HTML 3Page - National Semiconductor (TI) MM54C902 Datasheet HTML 4Page - National Semiconductor (TI) MM54C902 Datasheet HTML 5Page - National Semiconductor (TI) MM54C902 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Continued)
MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet) (Short Circuit Current)
(MM54C901MM74C901 MM54C903MM74C903)
ISOURCE
Output Source Current
VCC e 50V VOUT e 0V
b
50
mA
(P-Channel)
TA e 25 C VIN e 0V
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V
b
20
mA
(P-Channel)
TA e 25 C VIN e 0V
ISINK
Output Sink Current
VCC e 50V VOUT e VCC
90
mA
(N-Channel)
TA e 25 C VIN e VCC
ISINK
Output Sink Current
VCC e 50V VOUT e 04V
38
mA
(N-Channel)
TA e 25 C VIN e VCC
(MM54C902MM74C902 MM54C904MM74C904)
ISOURCE
Output Source Current
VCC e 50V VOUT e 0V
b
50
mA
(P-Channel)
TA e 25 C VIN e VCC
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V
b
20
mA
(P-Channel)
TA e 25 C VIN e VCC
ISINK
Output Sink Current
VCC e 50V VOUT e VCC
90
mA
(N-Channel)
TA e 25 C VIN e 0V
ISINK
Output Sink Current
VCC e 50V VOUT e 04V
38
mA
(N-Channel)
TA e 25 C VIN e 0V
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM54C901MM74C901 MM54C903MM74C903
tpd1
Propagation Delay Time
VCC e 50V
38
70
ns
to a Logical ‘‘1’’
VCC e 10V
22
30
ns
tpd0
Propagation Delay Time
VCC e 50V
21
35
ns
to a Logical ‘‘0’’
VCC e 10V
13
20
ns
CIN
Input Capacitance
Any Input (Note 2)
14
pF
CPD
Power Dissipation Capacity
(Note 3) Per Buffer
30
pF
MM54C902MM74C902 MM54C904MM74C904
tpd1
Propagation Delay Time
VCC e 50V
57
90
ns
to a Logical ‘‘1’’
VCC e 10V
27
40
ns
tpd0
Propagation Delay Time
VCC e 50V
54
90
ns
to a Logical ‘‘0’’
VCC e 10V
25
40
ns
CIN
Input Capacitance
Any Input (Note 2)
50
pF
CPD
Power Dissipation Capacity
(Note 3) Per Buffer
50
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com