Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC32APG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74LVC32APG
Description  3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE WITH 5 VOLT TOLERANT I/O
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC32APG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74LVC32APG Datasheet HTML 1Page - Integrated Device Technology IDT74LVC32APG Datasheet HTML 2Page - Integrated Device Technology IDT74LVC32APG Datasheet HTML 3Page - Integrated Device Technology IDT74LVC32APG Datasheet HTML 4Page - Integrated Device Technology IDT74LVC32APG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC32A
3.3VCMOSQUADRUPLE2-INPUTPOSITIVE-ORGATE
3
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
—
V
VCC = 2.3V
IOH = – 6mA
2
—
VCC = 2.3V
IOH = – 12mA
1.7
—
VCC = 2.7V
2.2
—
VCC = 3V
2.4
—
VCC = 3V
IOH = – 24mA
2.2
—
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
—
0.2
V
VCC = 2.3V
IOL = 6mA
—
0.4
IOL = 12mA
—
0.7
VCC = 2.7V
IOL = 12mA
—
0.4
VCC = 3V
IOL = 24mA
—
0.55
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceperGate
CL = 0pF, f = 10Mhz
10.6
12.5
pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
5.4
—
4.4
1.5
3.8
ns
tPHL
xA, xB to xY
tSK(o)
OutputSkew(2)
——
——
—
1
ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com