Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA068V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA068V1
Description  4 A DC output current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA068V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA068V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA068V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA068V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA068V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 023047 Rev 1
1/4
4
STEVAL-ISA068V1
4 A / 1.5 MHz step-down synchronous switching regulator based on
the ST1S32 in DFN 4x4 package
Data brief
Features
■ 4 A DC output current
■ 2.8 V to 5.5 V input voltage
■ Output voltage adjustable from 0.8 V
■ 1.5 MHz switching frequency
■ Internal soft-start and enable
■ Integrated 60 m
Ωand 45 mΩ power MOSFETs
■ All ceramic capacitor
■ Power Good (POR)
■ Cycle-by-cycle current limiting
■ Current foldback short-circuit protection
■ RoHS compliant
Description
The STEVAL-ISA068V1 is based on the ST1S32,
an internally compensated 1.5 MHz fixed-
frequency PWM synchronous step-down
regulator.
This device operates from 2.8 V to 5.5 V input,
while it regulates an output voltage as low as
0.8 V and up to Vin.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
www.st.com


Similar Part No. - STEVAL-ISA068V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
More results

Similar Description - STEVAL-ISA068V1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
6 A output current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
10 A output current rating
logo
Vincotech
20-1B06IPB004RC-P952A40 VINCOTECH-20-1B06IPB004RC-P952A40 Datasheet
2Mb / 30P
Sense output of DC-current
20-1B06IPB006RC01-P953A45 VINCOTECH-20-1B06IPB006RC01-P953A45 Datasheet
1Mb / 8P
Sense output of DC-current
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
20 A Output Current
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
14 A Output Current
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
8-A Rated Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
13-A Output Current
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
logo
Renesas Technology Corp
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com