Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA076V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA076V1
Description  Both linear and quasi-pulse operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA076V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA076V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA076V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA076V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA076V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
May 2011
Doc ID 18119 Rev 2
1/4
4
STEVAL-ISA076V1
Battery charger demonstration board with integrated power switch
for Li-Ion/Li-Polymer batteries based on the L6924D
Features
■ Operating input voltage up to 12 V
■ Fully integrated solution with power MOSFET,
reverse blocking diode, sense resistor, and
thermal control
■ Both linear and quasi-pulse operation
■ Programmable charge current both in fast
charge (up to 1 A) and in pre-charge mode
■ Selectable 4.1 V and 4.2 V output voltage (±1%
accuracy)
■ Programmable termination current
■ Programmable pre-charge mode voltage
threshold
■ Programmable charge timer
■ Multifunction pin for flexible charge process
termination
■ Status outputs to drive LEDs or host processor
interface
■ Battery absence detection
■ Closed loop thermal control
■ NTC or PTC thermistor interface for battery
temperature monitoring and protection
■ RoHS compliant
Description
The STEVAL-ISA076V1 demonstration board is
based on the L6924D battery charger system with
integrated power switch. The L6924D device is a
fully monolithic battery charger dedicated to
single-cell lithium-ion polymer (Li-Pol) battery
packs, and is the ideal solution for space-limited
applications such as PDAs, handheld equipment,
cellular phones, and digital cameras.
When an external voltage-regulated wall adapter
is used, the L6924D works in linear mode, and
charges the battery using a constant
current/constant voltage (CC/CV) profile.
When a current-limited adapter is used, the
device can operate in quasi-pulse mode,
dramatically reducing power dissipation.
STEVAL-ISA076V1
www.st.com


Similar Part No. - STEVAL-ISA076V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA076V2 STMICROELECTRONICS-STEVAL-ISA076V2 Datasheet
94Kb / 4P
USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
25-Feb-2011
More results

Similar Description - STEVAL-ISA076V1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BR-B4534-05V BRIGHT-BR-B4534-05V Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red For DC and pulse operation.
BR-B4534-15V BRIGHT-BR-B4534-15V Datasheet
129Kb / 2P
GaAsP/GaP Hi-Eff Red For DC and pulse operation.
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
High-Voltage Startup, Quasi-Resonant Operation
logo
Active-Semi, Inc
ACT512 ACTIVE-SEMI-ACT512_14 Datasheet
312Kb / 14P
CCM and Quasi-Resonant Operation
Rev 4, 13-Feb-14
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
Quasi resonant operation
V2.2 2014-07-10
logo
Marl International Limi...
235-038-93 MARL-235-038-93_13 Datasheet
254Kb / 4P
Voltage ranges to suit both AC and DC operation
logo
Vishay Siliconix
TLUR44K1L2 VISHAY-TLUR44K1L2 Datasheet
102Kb / 4P
For DC and pulse operation
14-Oct-14
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
Optimized for both right and left-handed operation
logo
Mallory Sonalert Produc...
ZT028LAMP1R MSPI-ZT028LAMP1R Datasheet
132Kb / 1P
Mode of Operation Medium Pulse Sound and Light @ 5 PPS
ZT120LAFP1R MSPI-ZT120LAFP1R Datasheet
132Kb / 1P
Mode of Operation Fast Pulse Sound and Light @ 10 PPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com