Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILS-2515 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILS-2515
Description  Surface Mount Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILS-2515 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILS-2515 Datasheet HTML 1Page - Vishay Siliconix ILS-2515 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
65
ILS-2515
Vishay Dale
Document Number 34095
Revision 10-Sep-02
For technical questions, contact Magnetics@vishay.com
PERFORMANCE GRAPHS
Typical Current vs Temperature Rise
70
60
50
40
30
20
10
0
DC CURRENT (Amps)
0.0
0.25
0.50
0.75
1.0
10
µH, L & Q vs Frequency
13.0
12.6
12.2
11.8
11.4
11.0
10
100
1000
FREQUENCY (kHz)
25
20
15
10
5
0
2.5
2
1.5
1
0.5
0
Energy Storage
DC CURRENT (Amps)
0.0
0.25
0.50
0.75
1.0
10
µH
4.7
µH
Inductance vs DC Bias
DC CURRENT (Amps)
4.7
µH, L & Q vs Frequency
5.6
5.4
5.2
5.0
4.8
4.6
FREQUENCY (kHz)
25
20
15
10
5
0
L
Q
10
100
1000
L
Q
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
16
12
8
4
0
10
µH
4.7
µH
PACKAGING OPTIONS
• Tape and Reel:
Embossed plastic carrier tape.
Per EIA481-1.
1500 pieces on a 7" reel.
10
µH
4.7
µH
Surface Mount Inductor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com