Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLJS2103P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS2103P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS2103P Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS2103P Datasheet HTML 1Page - ON Semiconductor NTLJS2103P Datasheet HTML 2Page - ON Semiconductor NTLJS2103P Datasheet HTML 3Page - ON Semiconductor NTLJS2103P Datasheet HTML 4Page - ON Semiconductor NTLJS2103P Datasheet HTML 5Page - ON Semiconductor NTLJS2103P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS2103P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = −4.5 V
−2.5 V
−2 V
−1.2 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
TJ = 25°C
VDS = −5 V
TJ = 25°C
VGS = −2.5 V
VGS = −4.5 V
VGS = −4.5 V
ID = −5.9 A
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VGS = −1.8 V
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 125°C
TJ = 150°C
0
4
8
12
16
20
0
0.5 1.0 1.5
2.0 2.5 3.0
0
2
4
6
8
10
12
14
0.5
0.75
1.0
1.25
1.5
1.75
2.0
02
46
8
10
12
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
1000
10000
100000
2
4
6
8
10
12
3.5
4.0 4.5 5.0
−1.5 V
−1.8 V
−1.1 V
−1.0 V
16
18
20
2.25
2.5
0
0.5 1.0 1.5
2.0 2.5 3.0 3.5
4.0 4.5 5.0
ID = −5.9 A
ID = −0.2 A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
14
16
18
20
VGS = −1.5 V
−1.2 V
1.5
125
150
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com