Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IME011V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IME011V1
Description  4-channel outputs: high voltage and low voltage BNC connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IME011V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IME011V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IME011V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IME011V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IME011V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-IME011V1
2/4
DocID028176 Rev 1
1
Schematic diagram
Figure 1: STEVAL-IME011V1 circuit schematic
U1
VBAT
6
PC13
7
PC14
8
PC15
9
VSS5
10
VDD5
11
OSC_IN
12
OSC_OUT
13
NRST
14
PC0
15
PC1
16
PC2
17
PC3
18
VSSA
19
VREF-
20
VREF+
21
VDDA
22
VSS4
27
VDD4
28
PC4
33
PC5
34
VSS1
49
VDD1
50
PC6
63
PC7
64
PC8
65
PC9
66
NC
73
VSS2
74
VDD2
75
PC10
78
PC11
79
PC12
80
BOOT
94
VSS3
99
VDD3
100
U2
STHV748
HVOUT_A
5
HVOUT_B
12
D_CTR
16 IN4
17
IN1_B
18
IN2_B
19
IN3_B
20
GND_PWR_B
22
XDCR_B
23
LVOUT_B
24
LVOUT_C
25
XDCR_C
26
GND_PWR_C
27
IN3_C
29 IN2_C
30 IN1_C
31
THSD
32
HVOUT_C
37
HVOUT_D
44
IN1_D
50
IN2_D
51
IN3_D
52
GND_PWR_D
54
XDCR_D
55
LVOUT_D
56
LVOUT_A
57
XDCR_A
58
GND_PWR_A
59
IN3_A
61 IN2_A
62 IN1_A
63
RF1
107k
RF2
62k
RF4
107k
RF3
62k
REG2
LT3032
OUTP
ADJP 2
BYPP 3
GND
4,5
INN OUTN
ADJN 8
BYPN 11
SHD
10,12
INP
X1
8MHz
Cosc2
22pF
Rosc
1M
OSC_IN
OSC_OUT
OSC_IN
OSC_OUT
REG1 LD1117
GND
OUT
IN
CF2
10F
CB1
100nF
+5V
DVDD
DVDD
SHD
AVDD
AVSS
CC1
10nF
CC2
10nF
Cosc1
22pF
CR5
3.9nF
CR1
22nF
CR6
3.9nF
CR7
3.9nF
CR8
3.9nF
CR2
22nF
CR3
22nF
CR4
22nF
CB25
220nF
CB27
220nF
CB26
220nF
CB21
220nF
CB23
220nF
CB24
220nF
CB22
220nF
HVM1
CB28
220nF
CF10
10F
CF9
10F
SHD
XDCRA
XDCRB
XDCRC
XDCRD
HVP1
HV+
HV-
HVM1
HV+
HV-
STR
PRG
STP
USR
CP1
100nF
CP2
100nF
CP3
100nF
CP4
100nF
RP1
10k
RP2
10k
RP3
10k
RP4
10k
P1
P2
P3
P4
DVDD
L1
L2
L3
L4
RL1
56
RL2
56
RL3
56
RL4
56
L1
L2
L3
L4
VDD
LV+
LV-
VSS
LV+
LV-
-5V
CF3
10F
CF4
10F
-5V
CF6
10F
CF5
10F
CF1
10F
+5V
GND_PWR
HVP1
RLA
100
RLB
100
RLC
100
RLD
100
CLA
270pF
CLB
270pF
CLC
270pF
CLD
270pF
GND_PWR
USB
1734035-1
VBUS
1
D+
3
D-
2
GND
5
Shell
ID
4
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC15
PC14
PC13
PC10
PC11
PC12
PC0
PC1
PC2
PC5
PC4
PC3
PC10
PC11
PC12
PC6
UF1
USBUF01W6
D1 1
GND D2
3
D3
4
VDD
D4
6
DVDD
USBDP
USBDM
D2
BAT20J
+5V
D1
BAT20J
CB2
100nF
CB3
100nF
CB4
100nF
CB5
100nF
CB6
100nF
DVDD
SPI2_MISO
SPI3_MISO
SPI1_MISO
SPI1
SPI2
SPI3
PC11
PC10
PC12
CB7
100nF
CB8
100nF
CB9
100nF
CB10
100nF
AVDD
AVSS
CB11
100nF
CB12
100nF
RST
CRST
100nF
NRST
NRST
JTMS
JTCK
JTDI
JTDO
JRST
USB_PWR
R18 330
RSHD
330
RAD3
100k
RAD4
2.7k
ADC_IN2
RAD1
2.7k
RAD2
100k
ADC_IN0
HVP1
HVM1
AVDD
JTAG
DVDD
POT1 50 %
ADC_IN1
L5
RL5
56
L6
RL6
56
L5
L6
RE0
56
RE1
56
RE2
56
RE3
56
RE4
56
RE5
56
RE6
56
RE7
56
THSD
THSD
RTHSD
10k
HVP1
HVP0
HVP1
HVP0
HVM1
HVM0
HVM1
HVM0
CB17
220nF
CB19
220nF
CB18
220nF
CB13
220nF
CB15
220nF
CB16
220nF
CB14
220nF
HVM0
CB20
220nF
CF8
10F
CF7
10F
HVP0
HV+
HV-
HVM0
HV+
HV-
GND_PWR
HVP0
ZAD2
DZ2S033
CAD2
100nF
CAD1
100nF
RHVP
0
HVP0
HVP1
RHVM
0
HVM0
HVM1
RGND
0
GND_PWR
BOOT0
ZAD1
DZ2S033
NRST
DVDD
C2_F2_F4
2.2F
C1_F2_F4
2.2F
R3_F1
0
R2_F1
0
R1_F1_F4
0
R2_F2_F4
0
R1_F2
0
DVDD
AUX1 AUX2 AUX3
AUX0
AUX4 AUX5 AUX6 AUX7
PC13
PC
PC14
PC15
LVOUTA
LVOUTB
LVOUTC
LVOUTD
RRA
100
RRB
100
RRC
100
RRD
100
CRA
270pF
CRB
270pF
CRC
270pF
CRD
270pF
USR_RX
AN_SUPPLY
AVDD
AVSS
STM32F427
GSPG2807151415SG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com